Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3006 Datasheet(PDF) 4 Page - Littelfuse

Part # SP3006
Description  0.5pF, 8kV Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3006 Datasheet(HTML) 4 Page - Littelfuse

  SP3006 Datasheet HTML 1Page - Littelfuse SP3006 Datasheet HTML 2Page - Littelfuse SP3006 Datasheet HTML 3Page - Littelfuse SP3006 Datasheet HTML 4Page - Littelfuse SP3006 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4
TVS Diode Arrays (SPA® Diodes)
Revision: July 17, 2013
SP3006 Series
Low Capacitance ESD Protection - SP3006 Series
Embossed Carrier Tape & Reel Specifications — SOT563
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.064
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.076
0.081
D
1.40
1.60
0.055
0.063
D1
0.45
0.55
0.017
0.021
P0
3.90
4.10
0.154
0.161
10P0
40.0+/- 0.20
1.574+/-0.008
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
1.73
1.83
0.068
0.072
B0
1.73
1.83
0.068
0.072
K0
0.64
0.74
0.025
0.029
t
0.22 max
0.009 max
User Feeding Direction
Pin 1 Location
Package Dimensions — SOT563
Package
SOT 563
Pins
6
Millimeters
Inches
Min
Max
Min
Max
A
0.50
0.60
0.020
0.024
B
0.17
0.27
0.007
0.011
c
0.08
0.18
0.003
0.007
D
1.50
1.70
0.059
0.067
E
1.10
1.30
0.043
0.051
e
0.50 BSC
0.020 BSC
L
0.10
0.30
0.004
0.012
HE
1.50
1.70
0.059
0.067
c
HE
L
A
D
E
e
B
Recommended
Solder Pad Layout


Similar Part No. - SP3006

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP30001 SIPAT-SP30001 Datasheet
160Kb / 4P
   300MHz Low-loss SAW Filter 45MHz Bandwidth
SP30001 SIPAT-SP30001 Datasheet
165Kb / 4P
   300MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
   Low Capacitance ESD Protection Array
SP3001 LITTELFUSE-SP3001 Datasheet
385Kb / 6P
   Low Capacitance ESD Protection Array
SP3001-04JTG LITTELFUSE-SP3001-04JTG Datasheet
385Kb / 6P
   Low Capacitance ESD Protection Array
More results

Similar Description - SP3006

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP723 LITTELFUSE-SP723_12 Datasheet
227Kb / 6P
   5pF 8kV Diode Array
SP1255P LITTELFUSE-SP1255P Datasheet
964Kb / 5P
   SP1255P Series 0.5pF, 12kV Diode Array for μUSB
2019 Littelfuse, Inc
SP1004 LITTELFUSE-SP1004_17 Datasheet
704Kb / 4P
   5pF 8kV Bidirectional TVS Array
SP1002 LITTELFUSE-SP1002_17 Datasheet
683Kb / 4P
   5pF 8kV Bidirectional TVS Array
SP3012 LITTELFUSE-SP3012 Datasheet
805Kb / 4P
   SP3012 Series 0.5pF Rail Clamp Array
SP1002 LITTELFUSE-SP1002_11 Datasheet
232Kb / 4P
   SP1002 Series 5pF 8kV Bidirectional TVS Array
logo
GETAI ELECTRONICS DEVIC...
2CL2FF GETEDZ-2CL2FF Datasheet
66Kb / 1P
   8kV 60mA HIGH VOLTAGE DIODE
CL03-08 GETEDZ-CL03-08 Datasheet
80Kb / 1P
   8kV 400mA HIGH VOLTAGE DIODE
GT-FOB GETEDZ-GT-FOB Datasheet
101Kb / 1P
   8kV 500mA HIGH VOLTAGE DIODE
2CL2F GETEDZ-2CL2F Datasheet
63Kb / 1P
   8kV 100mA HIGH VOLTAGE DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com