Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLVU405 Datasheet(PDF) 1 Page - Texas Instruments

Part # SLVU405
Description  TPS7A30-49EVM-567
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLVU405 Datasheet(HTML) 1 Page - Texas Instruments

  SLVU405 Datasheet HTML 1Page - Texas Instruments SLVU405 Datasheet HTML 2Page - Texas Instruments SLVU405 Datasheet HTML 3Page - Texas Instruments SLVU405 Datasheet HTML 4Page - Texas Instruments SLVU405 Datasheet HTML 5Page - Texas Instruments SLVU405 Datasheet HTML 6Page - Texas Instruments SLVU405 Datasheet HTML 7Page - Texas Instruments SLVU405 Datasheet HTML 8Page - Texas Instruments SLVU405 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
User's Guide
SLVU405 – August 2010
TPS7A30-49EVM-567
This user’s guide describes the characteristics, operation, and use of theTPS7A30-49EVM-567 Evaluation
Module (EVM) as a reference design to facilitate engineering evaluation of the TPS7A3001 negative
voltage low-dropout (LDO) regulator and/or the TPS7A4901 positive voltage LDO regulator for individual
or split-rail applications. Included in this user’s guide are setup instructions, a schematic diagram, layout
and thermal guidelines, a bill of materials, and test results.
Contents
1
Introduction
.................................................................................................................. 2
2
Setup
......................................................................................................................... 2
2.1
Negative Voltage Input/Output Connectors and Jumper Descriptions For TPS7A3001 LDO Circuit
........................................................................................................................ 2
2.2
Positive Voltage Input/Output Connectors and Jumper Descriptions fo the TPS7A4901 LDO
Circuit
................................................................................................................ 2
2.3
Soldering Guidelines
............................................................................................... 2
2.4
Equipment Interconnect
........................................................................................... 3
3
Operation
..................................................................................................................... 3
4
Adjustable Operation
....................................................................................................... 3
5
Test Results
................................................................................................................. 4
5.1
Turnon Output Ramp: Negative Voltage LDO, TPS7A3001 Circuit
......................................... 4
5.2
Turnon Output Ramp: Positive Voltage LDO, TPS7A4901 Circuit
.......................................... 5
5.3
–VOUT Load Transient Applied to the Negative LDO Circuit, TPS7A3001
................................ 5
5.4
+VOUT Load Transient Applied to the Positive LDO Circuit, TPS7A4901.
................................ 6
6
Thermal Guidelines
......................................................................................................... 7
7
Board Layout
................................................................................................................ 8
8
Schematic and Bill of Materials
.......................................................................................... 11
8.1
Schematic
......................................................................................................... 11
8.2
Bill of Materials
.................................................................................................... 12
List of Figures
1
LDO Schematic Showing the R
1 and R2 Adjustment Resistors .......................................................
3
2
TPS7A3001 –VOUT Ramp at Turnon
.................................................................................... 4
3
TPS7A4901 +VOUT Ramp at Turnon
.................................................................................... 5
4
TPS7A3001 –VOUT Load Transient
..................................................................................... 6
5
TPS7A4901 +VOUT Load Transient
..................................................................................... 7
6
Assembly Layer
............................................................................................................. 8
7
Top Layer Routing
.......................................................................................................... 9
8
Bottom Layer Routing
..................................................................................................... 10
9
TPS7A30-49EVM-567 Schematic
....................................................................................... 11
List of Tables
1
Thermal Resistance, q
JA, and Maximum Power Dissipation ...........................................................
8
2
TPS7A30-49EVM-567 Bill of Materials
................................................................................. 12
PowerPAD is a trademark of Texas Instruments.
1
SLVU405 – August 2010
TPS7A30-49EVM-567
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - SLVU405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLVU439 TI1-SLVU439 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
More results

Similar Description - SLVU405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
logo
EDAC, All Rights Reserv...
567-009-000-310 EDAC-567-009-000-310 Datasheet
150Kb / 1P
   567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-001-000-410 EDAC-567-001-000-410 Datasheet
93Kb / 1P
   567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-003-000-410 EDAC-567-003-000-410 Datasheet
105Kb / 1P
   567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-003-000-310 EDAC-567-003-000-310 Datasheet
124Kb / 1P
   567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-004-000-310 EDAC-567-004-000-310 Datasheet
123Kb / 1P
   567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-SERIES EDAC-567-SERIES Datasheet
966Kb / 2P
   567 Series IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-002-000-410 EDAC-567-002-000-410 Datasheet
100Kb / 1P
   567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-004-000-410 EDAC-567-004-000-410 Datasheet
110Kb / 1P
   567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-006-000-310 EDAC-567-006-000-310 Datasheet
138Kb / 1P
   567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com