Electronic Components Datasheet Search |
|
CT0805S14BAUTOG Datasheet(PDF) 11 Page - EPCOS |
|
CT0805S14BAUTOG Datasheet(HTML) 11 Page - EPCOS |
11 / 14 page Ceramic transient voltage suppressors B72510E1140S262 SMD multilayer varistor, E series CT0805S14BAUTOG PPD ML PD 2012-02-15 Please read Cautions and warnings and Page 11 of 14 Important notes at the end of this document. Specified values only apply to CTVS components that have not been subject to prior electrical, mechanical or thermal damage. The use of CTVS devices in line-to-ground applications is therefore not advisable, and it is only allowed together with safety countermeasures like thermal fuses. Storage Only store CTVS in their original packaging. Do not open the package before storage. Storage conditions in original packaging: temperature −25 to +45°C, relative humidity ≤75% annual average, maximum 95%, dew precipitation is inadmissible. Do not store CTVS devices where they are exposed to heat or direct sunlight. Otherwise the packaging material may be deformed or CTVS may stick together, causing problems during mounting. Avoid contamination of the CTVS surface during storage, handling and processing. Avoid storing CTVS devices in harmful environments where they are exposed to corrosive gases for example (SOx, Cl). Use CTVS as soon as possible after opening factory seals such as polyvinyl-sealed packages. Solder CTVS components after shipment from EPCOS within the time specified: o CTVS with Ni barrier termination, 12 months o CTVS with AgPd termination, 6 months o SHCV and CU series, 24 months Handling Do not drop CTVS components and allow them to be chipped. Do not touch CTVS with your bare hands - gloves are recommended. Avoid contamination of the CTVS surface during handling. Mounting When CTVS devices are encapsulated with sealing material or overmolded with plastic material, be sure to observe the precautions in “Mounting instructions”, “Sealing, potting and overmolding”. Make sure an electrode is not scratched before, during or after the mounting process. Make sure contacts and housings used for assembly with CTVS components are clean before mounting. |
Similar Part No. - CT0805S14BAUTOG |
|
Similar Description - CT0805S14BAUTOG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |