Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QRB1133 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QRB1133
Description  PHOTOTRANSISTOR REFLECTIVE OBJECT SENSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QRB1133 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QRB1133 Datasheet HTML 1Page - Fairchild Semiconductor QRB1133 Datasheet HTML 2Page - Fairchild Semiconductor QRB1133 Datasheet HTML 3Page - Fairchild Semiconductor QRB1133 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL / OPTICAL CHARACTERISTICS (T
A = 25°C)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
EMITTER
IF = 40 mA
VF
1.7
V
Forward Voltage
Reverse Current
V
R = 2.0 V
I
R
100
µA
Peak Emission Wavelength
I
F = 20 mA
!
PE
940
nm
SENSOR
IC = 1 mA
BVCEO
30
V
Collector-Emitter Breakdown Voltage
Emitter-Collector Breakdown Voltage
I
E = 0.1 mA
BVECO
5—
V
Collector-Emitter Dark Current
VCE = 10 V, IF = 0 mA
ICEO
100
nA
COUPLED
On-state Collector Current
IF = 40 mA, VCE = 5 V
IC(ON)
mA
QRB1133
D = .150”(5,6)
0.20
QRB1134
0.60
Collector-Emitter
IF = 20 mA, IC = 0.5 mA
VCE (SAT)
0.4
V
Saturation Voltage
Rise Time
V
CE = 5 V, RL = 100 "
t
r
—8
µs
Fall Time
I
C(ON) = 5 mA
t
f
—8
Cross Talk
IF = 40 mA, VCE = 5 V(7)
ICX
1.00
µA
www.fairchildsemi.com
2 OF 4
7/02/01
DS300351
Parameter
Symbol
Rating
Units
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
TSTG
-40 to +85
°C
Soldering Temperature (Iron)(2,3,4)
TSOL-I
240 for 5 sec
°C
Soldering Temperature (Flow)(2,3)
TSOL-F
260 for 10 sec
°C
EMITTER
Continuous Forward Current
IF
50
mA
Reverse Voltage
VR
5V
Power Dissipation(1)
PD
100
mW
SENSOR
Collector-Emitter Voltage
VCEO
30
V
Emitter-Collector Voltage
VECO
50
V
Collector Current
IC
20
mA
Power Dissipation(1)
PD
100
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
NOTES
1. Derate power dissipation linearly 1.67 mW/°C above 25°C.
2. RMA flux is recommended.
3. Methanol or isopropyl alcohols are recommended as cleaning agents.
4. Soldering iron 1/16” (1.6mm) minimum from housing.
5. D is the distance from the assembly face to the reflective surface.
6. Measured using an Eastman Kodak neutral test card with 90% diffused reflecting surface.
7. Cross talk is the photo current measured with current to the input diode and no reflecting surface.
PHOTOTRANSISTOR
REFLECTIVE OBJECT SENSORS
QRB1133
QRB1134


Similar Part No. - QRB1133

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QRB1133 QT-QRB1133 Datasheet
148Kb / 2P
   REFLECTIVE OBJECT SENSORS
More results

Similar Description - QRB1133

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRB1113 FAIRCHILD-QRB1113 Datasheet
314Kb / 4P
   PHOTOTRANSISTOR REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
QRB1113 QT-QRB1113 Datasheet
146Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
OPTEK Technologies
OPB702 OPTEK-OPB702 Datasheet
89Kb / 4P
   Reflective Object Sensors
OPB608A OPTEK-OPB608A Datasheet
223Kb / 2P
   REFLECTIVE OBJECT SENSORS
OPB740W OPTEK-OPB740W Datasheet
268Kb / 2P
   Reflective Object Sensors
logo
QT Optoelectronics
QRC1113 QT-QRC1113 Datasheet
143Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
OPTEK Technologies
OPA708 OPTEK-OPA708 Datasheet
127Kb / 4P
   REFLECTIVE OBJECT SENSORS
OPB606A OPTEK-OPB606A Datasheet
225Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
QT Optoelectronics
OPB703 QT-OPB703 Datasheet
149Kb / 2P
   REFLECTIVE OBJECT SENSORS
QRB1133 QT-QRB1133 Datasheet
148Kb / 2P
   REFLECTIVE OBJECT SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com