Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1741040000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1741040000
Description  PCB connection systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1741040000 Datasheet(HTML) 1 Page - Weidmuller

  1741040000 Datasheet HTML 1Page - Weidmuller 1741040000 Datasheet HTML 2Page - Weidmuller 1741040000 Datasheet HTML 3Page - Weidmuller 1741040000 Datasheet HTML 4Page - Weidmuller 1741040000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product catalogue | PCB connection systems | PCB terminals | Clamping yoke connection | LP 5.00 / 5.08 | LP 5.00/90
- 1 -
General ordering data
Order No.
1696060000
Part designation
LP5.00/2/90 4.5 SW
Version
PCB terminal, Clamping yoke connection,
Soldered connection, Clamping range, max.: 6
mm², Pitch: 5.00 mm, No. of poles: 2, 90°, Box
EAN
4008190876807
Qty.
100 pc(s).
System parameters
Product family
System LP
Conductor connection system
Clamping yoke connection
Fitted to PCB
Soldered connection
Outgoing direction of conductor
90°
Pitch
5 mm
Pitch in inch
0.197 inch
No. of poles
2
Fitted by customer
yes
Max. adjacent poles per row
24
No. of rows
1
Solder pin length
4.5 mm
Dia. of fitting hole
1.3 mm
Fitting hole tolerance
+ 0.1 mm
No. of solder pins per pole
1


Similar Part No. - 1741040000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1741047 PHOENIX-1741047 Datasheet
60Kb / 4P
   Printed-circuit board connector - FMC 1,5/14-ST-3,5 GY
More results

Similar Description - 1741040000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1748280000 WEIDMULLER-1748280000 Datasheet
84Kb / 5P
   PCB connection systems
1791640000 WEIDMULLER-1791640000 Datasheet
84Kb / 4P
   PCB connection systems
1792920000 WEIDMULLER-1792920000 Datasheet
88Kb / 6P
   PCB connection systems
1727710000 WEIDMULLER-1727710000 Datasheet
82Kb / 5P
   PCB connection systems
1792900000 WEIDMULLER-1792900000 Datasheet
88Kb / 6P
   PCB connection systems
1729040000 WEIDMULLER-1729040000 Datasheet
93Kb / 4P
   PCB connection systems
1729680000 WEIDMULLER-1729680000 Datasheet
93Kb / 4P
   PCB connection systems
1748240000 WEIDMULLER-1748240000 Datasheet
84Kb / 5P
   PCB connection systems
1728020000 WEIDMULLER-1728020000 Datasheet
97Kb / 4P
   PCB connection systems
1793110000 WEIDMULLER-1793110000 Datasheet
86Kb / 6P
   PCB connection systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com