Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZV10D220 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ERZV10D220
Description  ?쏾NR??Transient/Surge Absorbers (Type D)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV10D220 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ERZV10D220 Datasheet HTML 3Page - Panasonic Semiconductor ERZV10D220 Datasheet HTML 4Page - Panasonic Semiconductor ERZV10D220 Datasheet HTML 5Page - Panasonic Semiconductor ERZV10D220 Datasheet HTML 6Page - Panasonic Semiconductor ERZV10D220 Datasheet HTML 7Page - Panasonic Semiconductor ERZV10D220 Datasheet HTML 8Page - Panasonic Semiconductor ERZV10D220 Datasheet HTML 9Page - Panasonic Semiconductor ERZV10D220 Datasheet HTML 10Page - Panasonic Semiconductor ERZV10D220 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 10 –
Impulse Width (μs)
1000
100
10
1
0.1
20
100
1000
10000
10
2Times
10
3Times
10
4Times
10
5Times
10
6Times
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
400
300
200
100
90
80
70
60
50
40
30
7
6
3
20
10
9
8
10
–6
10
–5
10
–4
10
–3
10–
2
10
–1
10
0
10
1
10
2
10
3
10
4
10
5
Current (A)
390
270
220
180
330
470
560
680
680
560
470
390
330
270
220
180
5
4
Test current waveform
10
–6 to 10–4 A: Direct current
10
–1 to 103 A: 8/20 μs
Max. Clamping Voltage
Max.
Leakage Current
30
40
50
60
70
80
90
100
200
300
400
500
600
700
800
900
1000
2000
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
Current (A)
471
271
201
151
121
101
820
221
471
431
391
361
331
271
241
221
201
151
121
101
820
241
331
Test Current Waveform
10
-6 to 10-4 A: Direct Current
10
-1 to 103 A: 8/20 μs
Impulse Width (μs)
1000
100
10
1
20
100
1000
10000
0.1
10
3Times
10
4Tim
es
10
5Times
10
6Times
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
ERZV05D820 to ERZV05D471
ERZV05D180 to ERZV05D680
ERZV05D820 to ERZV05D471
ERZV05D180 to ERZV05D680
Typical Characteristics
Voltage vs. Current
Impulse Derating (Relation between impulse
width and impulse current multiple)
Aug. 2012
01


Similar Part No. - ERZV10D220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV10D220 PANASONIC-ERZV10D220 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV10D220 PANASONIC-ERZV10D220 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV10D220 PANASONIC-ERZV10D220 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZV10D220 PANASONIC-ERZV10D220 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV10D220 PANASONIC-ERZV10D220 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results

Similar Description - ERZV10D220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-VA9D471 PANASONIC-ERZ-VA9D471 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V14D101 PANASONIC-ERZ-V14D101 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R221 PANASONIC-ERZ-V20R221 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-E14A471 PANASONIC-ERZ-E14A471 Datasheet
342Kb / 18P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA5V221 PANASONIC-ERZ-VA5V221 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VGAD471 PANASONIC-ERZ-VGAD471 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R241 PANASONIC-ERZ-V20R241 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9D271 PANASONIC-ERZ-VA9D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com