Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZV07D220 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ERZV07D220
Description  ?쏾NR??Transient/Surge Absorbers (Type D)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV07D220 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ERZV07D220 Datasheet HTML 7Page - Panasonic Semiconductor ERZV07D220 Datasheet HTML 8Page - Panasonic Semiconductor ERZV07D220 Datasheet HTML 9Page - Panasonic Semiconductor ERZV07D220 Datasheet HTML 10Page - Panasonic Semiconductor ERZV07D220 Datasheet HTML 11Page - Panasonic Semiconductor ERZV07D220 Datasheet HTML 12Page - Panasonic Semiconductor ERZV07D220 Datasheet HTML 13Page - Panasonic Semiconductor ERZV07D220 Datasheet HTML 14Page - Panasonic Semiconductor ERZV07D220 Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 14 –
30
40
50
60
70
80
90
100
200
300
400
500
600
700
800
900
1000
2000
471
431
391
361
511
471
431
391
361
331
271
241
221
201
511
271
201
151
121
101
820
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
241
221
331
151
121
101
820
Test Current Waveform
10
-6 to 10-3 A: Direct Current
10
-1 to 104 A: 8/20 μs
Current (A)
10000
1000
100
10
20
100
1000
10000
1
10
4Times
10
5Times
10
6Times
Impulse Width (μs)
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
1000
100
10
1
0.1
20
100
1000
10000
10
2Times
10
3Times
10
4Times
10
5Times
10
6Times
Impulse Width (μs)
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
680
560470
270
220
180
390
330
180
680
560
470
390
330
270
220
400
300
200
100
90
80
70
60
50
40
30
7
6
5
20
10
9
8
10
–6
10
–5
10
–4
10
–3
10
–2
10
–1
10
0
10
1
10
2
10
3
10
4
10
5
3
4
Current (A)
Test current waveform
10
–6 to 10–3 A: Direct current
10
–1 to 103 A: 8/20 μs
Max. Clamping Voltage
Max.
Leakage Current
ERZV09D820 to ERZV09D511
ERZV09D180 to ERZV09D680
ERZV09D820 to ERZV09D511
ERZV09D180 to ERZV09D680
Typical Characteristics
Voltage vs. Current
Impulse Derating (Relation between impulse
width and impulse current multiple)
Aug. 2012
01


Similar Part No. - ERZV07D220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV07D220 PANASONIC-ERZV07D220 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV07D220 PANASONIC-ERZV07D220 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV07D220 PANASONIC-ERZV07D220 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZV07D220 PANASONIC-ERZV07D220 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV07D220 PANASONIC-ERZV07D220 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results

Similar Description - ERZV07D220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-VA9D471 PANASONIC-ERZ-VA9D471 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V14D101 PANASONIC-ERZ-V14D101 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R221 PANASONIC-ERZ-V20R221 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-E14A471 PANASONIC-ERZ-E14A471 Datasheet
342Kb / 18P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA5V221 PANASONIC-ERZ-VA5V221 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VGAD471 PANASONIC-ERZ-VGAD471 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R241 PANASONIC-ERZ-V20R241 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9D271 PANASONIC-ERZ-VA9D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com