Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ8RQ1206 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJ8RQ1206
Description  Thick Film Chip Resistors / Low Resistance Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ8RQ1206 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJ8RQ1206 Datasheet HTML 1Page - Panasonic Semiconductor ERJ8RQ1206 Datasheet HTML 2Page - Panasonic Semiconductor ERJ8RQ1206 Datasheet HTML 3Page - Panasonic Semiconductor ERJ8RQ1206 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Thick Film Chip Resistors / Low Resistance Type
1
2
3
4
5
6
7
8
9
10
11
12
Thick Film
Chip Resistors
Product Code
Size, Power Rating
Type: inch
0.2 W
0.25 W
0.33 W
0.33 W
0.5 W
0.5 W
1 W
Power R.
Code
K
U
Resistance Tolerance
Code
F
J
Tolerance
± 1 %
± 5 %
Shown by 3 digits or letters.
(Ex.) 50 M:50 m , 10 C:100 m
Resistance Value
Packaging Methods
Code
V
U
Packaging
Type
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
Embossed Carrier Taping
4 mm pitch, 5,000 pcs.
Embossed Carrier Taping
4 mm pitch, 4,000 pcs.
ERJL03
ERJL06
ERJL08
ERJL14
ERJL12
ERJL1D
ERJL1W
Std.
20 m
to 100 m
Res. Value
L03 : 0603
L06 : 0805
L08 : 1206
L14 : 1210
L12 : 1812
L1D : 2010
L1W : 2512
20 m , 22 m , 33 m ,
39 m , 47 m , 50 m ,
100 m
(
)
L03, L06, L08 : 47 m
to 100 m
L1D, L1W : 40 m
to 100 m
Protective coating
Alumina
substrate
Electrode (Inner)
Electrode
(Between)
Electrode (Outer)
Thick film
resistive element
a
b
t
W
L
1
2
3
4
5
6
7
8
9
10
11
12
Thick Film
Chip Resistors
Product Code
Resistance Tolerance
Code
F
G
J
Tolerance
± 1 %
± 2 %
± 5 %
Shown by 4 digits or letters.
(Ex.) R047 : 0.047 =47 m
Resistance Value
Packaging Methods
Code
Packaging
Type
X
Pressed Carrier Taping
2 mm pitch, 10,000 pcs.
ERJ2BW
ERJ3BW
ERJ6BW
ERJ8BW
ERJ8CW
V
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
Code Size:inch
2BW
3BW
6BW
8BW
8CW
0402
0603
0805
1206
1206
0.25 W
0.33 W
0.5 W
1 W
1 W
Power Rating Resistance Value
47 m
to 100 m
20 m
to 100 m
10 m
to 100 m
10 m
to 100 m
10 m
to 50 m
● ERJL03, L06, L08, L14, L12, L1D, L1W Series Low TCR type
Type
(inch size)
Dimensions (mm)
Mass(Weight)
[g/1000pcs.]
LWa
b
t
ERJ2BW (0402) 1.00
±0.10 0.50+0.10 0.24±0.10 0.24±0.10 0.35±0.05
0.8
ERJ2BS
(0402)
ERJ2BQ
1.00
±0.10 0.50+0.10 0.20±0.10 0.27±0.10 0.35±0.05
0.8
ERJ3BW (0603) 1.60
±0.15 0.80±0.15 0.40±0.20 0.40±0.20 0.55±010
3
ERJ3R
ERJ3B (0603)
ERJL03
1.60
±0.15 0.80+0.15 0.30±0.20 0.30±0.15 0.45±0.10
2
ERJ6BW(0805) 2.00
±0.20 1.25±0.20 0.55±0.20 0.55±0.20 0.65±0.10
6
ERJ6R
ERJ6B (0805)
ERJL06
2.00
±0.20 1.25±0.10 0.40±0.20 0.40±0.20 0.60±0.10
4
ERJ8BW(1206) 3.20
±0.20 1.60±0.20 1.00±0.20 1.00±0.20 0.65±0.10
13
ERJ8CW
(10 to 16 m
Ω)
3.20
±0.20 1.60±0.20 1.10±0.20 1.10±0.20 0.65±0.10
13
ERJ8CW
(18 to 50 m
Ω)
3.20
±0.20 1.60±0.20 0.60±0.20 0.60±0.20 0.65±0.10
13
ERJ8R
ERJ8B (1206)
ERJL08
3.20
+0.05 1.60+0.05 0.50±0.20 0.50±0.20 0.60±0.10
10
ERJ14R
ERJ14B (1210)
ERJL14
3.20
±0.20 2.50±0.20 0.50±0.20 0.50±0.20 0.60±0.10
16
ERJ12R
(1812)
ERJL12
4.50
±0.20 3.20±0.20 0.50±0.20 0.50±0.20 0.60±0.10
27
ERJ12Z
(2010)
ERJL1D
5.00
±0.20 2.50±0.20 0.60±0.20 0.60±0.20 0.60±0.10
27
ERJ1TR
(2512)
ERJL1W
6.40
±0.20 3.20±0.20 0.65±0.20 0.60±0.20 0.60±0.10
45
6.40
±0.20 3.20±0.20 0.65±0.20 1.30±0.20 1.10±0.10
79
–0.20
–0.15
–0.05
–0.05
–0.05
Construction
Dimensions in mm (not to scale)
● ERJ2BW, 3BW, 6BW, 8BW, 8CW Series <High power (double-sided resistive elements structure) type>
May. 2013
05
11


Similar Part No. - ERJ8RQ1206

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ8RQ1206 PANASONIC-ERJ8RQ1206 Datasheet
129Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8RQ1206 PANASONIC-ERJ8RQ1206 Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8RQ1206 PANASONIC-ERJ8RQ1206 Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8RQ1206 PANASONIC-ERJ8RQ1206 Datasheet
251Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
More results

Similar Description - ERJ8RQ1206

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ8CWFR039V PANASONIC-ERJ8CWFR039V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJL08KF47MV PANASONIC-ERJL08KF47MV Datasheet
251Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ14BQFR82U PANASONIC-ERJ14BQFR82U Datasheet
293Kb / 6P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-L08KF10CV PANASONIC-ERJ-L08KF10CV Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com