Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO-213AB Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DO-213AB
Description  Packaging Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DO-213AB Datasheet(HTML) 9 Page - Vishay Siliconix

  DO-213AB Datasheet HTML 1Page - Vishay Siliconix DO-213AB Datasheet HTML 2Page - Vishay Siliconix DO-213AB Datasheet HTML 3Page - Vishay Siliconix DO-213AB Datasheet HTML 4Page - Vishay Siliconix DO-213AB Datasheet HTML 5Page - Vishay Siliconix DO-213AB Datasheet HTML 6Page - Vishay Siliconix DO-213AB Datasheet HTML 7Page - Vishay Siliconix DO-213AB Datasheet HTML 8Page - Vishay Siliconix DO-213AB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
9
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SURFACE MOUNT TAPE AND REEL PACKAGING
Fig. 13
Notes
(1) A0, B0, and K0 are determined by the maximum dimensions of the component size. The clearance between the component and the cavity
must be within 0.05 mm (0.002") min. to 0.5 mm (0.02") max. for 8 mm tape and 12 mm tape, 0.15 mm (0.066") min. to 0.90 mm (0.035")
max. for 16 mm tape and 0.15 mm (0.006") min. to 1.0 mm (0.59") max. for 24 mm tape.
(2) All surface mount components are packed in accordance with EIA standard 481-C
8 mm, 12 mm, 16 mm, AND 24 mm EMBOSSED TAPE in millimeters (inches)
TAPE SIZE
D0
E1
P0
P2
A0, B0, K0
S1 MIN.
T MAX.
T1 MAX.
8 mm, 12 mm
1.5 ± 0.1
(0.059 ± 0.004)
1.75 ± 0.1
(0.069 ± 0.004)
4.0 ± 0.1
(0.157 ± 0.004)
2.0 ± 0.05
(0.79 ± 0.002)
(1)
0.6
(0.024)
0.600
(0.024)
0.1
(0.004)
16 mm, 24 mm
2.0 ± 0.1
(0.79 ± 0.004)
DIMENSIONS in millimeters (inches)
CASE TYPE
TAPE
SIZE
B1 MAX. D1 MIN. E2 MAX.
F
P1
R REF.
T2 MAX.
W
DO-213AA (GL34)
8
(0.315)
4.2
(0.165)
1.0
(0.39)
6.25
(0.246)
3.5 ± 0.05
(0.138 ± 0.002)
4.0 ± 0.10
(0.57 ± 0.004)
25
(0.984)
2.4
(0.094)
8.0 ± 0.30
(0.315 ± 0.012)
MicroSMP
3.28
(0.129)
6.05
(0.238)
1.919
(0.076)
DO-213AB (GL41)
12
(0.472)
8.2
(0.323)
1.5
(0.059)
10.25
(0.404)
5.5 ± 0.05
(0.217 ± 0.002)
30
(1.181)
4.5
(0.177)
12.0 ± 0.30
(0.472 ± 0.012)
DO-214BA (GF1)
3.25
(0.128)
DO-214AC(SMA)
2.64
(0.104)
DO-220AA (SMP)
1.84
(0.072)
TO-277A (SMPC)
7.0
(2.76)
8.0 ± 0.10
(0.315 ± 0.004)
1.43
(0.056)
DO-214AA (SMB)/
DO-215AA (SMBG)
8.2
(0.323)
2.77
(0.109)
DO-214AB (SMC)/
DO-215AB (SMCG)
16
(0.630)
12.1
(0.476)
14.25
(0.561)
7.5 ± 0.05
(0.295 ± 0.002)
2.64
(0.104)
16.0 ± 0.2
(0.630 ± 0.008)
DFS
12.0 ± 0.10
(0.472 ± 0.004)
3.91
(0.154)
TO-263AB
DO-218AB
24
(0.945)
20.1
(0.791)
22.25
(0.876)
11.5 ± 0.1
(0.453 ± 0.004)
16.0 ± 0.10
(0.630 ± 0.004)
5.31
(0.209)
24.0 ± 0.3
(0.945 ± 0.008)
SMPD
1.5
(0.059)
12.0 ± 0.10
(0.472 ± 0.004)
2.35
(0.093)
DO-221AC
(SlimSMA)
12
(0.472)
6.2
(0.244)
10.25
(0.404)
5.5 ± 0.05
(0.217 ± 0.002)
4.0 ± 0.10
(0.157 ± 0.001)
1.53
(0.060)
12.0 ± 0.3
(0.472 ± 0.012)
Notes
(1) For machine reference only, including draft and
radii concentric around B0
(2) See note 1 and table
K0
T
P0
B1
(1)
F
E
W
P2
P
B0
A0
(2)
0
1
E2
D
D1 for components
2.0 mm x 1.2 mm and larger
Top
Cover
Tape
De-Reeling Direction
T
T
2
10 P0itches Cumulative Tolerance on Tape ± 0.2
1
S1
Rectifiers
Polarization
DFS and MBS
Polarization
DO-218AB/2D
TVS Polarization
GL41, SMA, SMB, SMC,
SMP, MicroSMP, SMPC,
SlimSMA, DO-218AB/2E


Similar Part No. - DO-213AB

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DO-213AB LUGUANG-DO-213AB Datasheet
203Kb / 2P
   Fast Soft-Recovery Controlled Avalanche Rectifiers
logo
Continental Device Indi...
DO-213AB CDIL-DO-213AB Datasheet
159Kb / 4P
   DO-213AB MELF SMD Plastic Package
logo
Shenzhen Luguang Electr...
DO-213AB LUGUANG-DO-213AB Datasheet
300Kb / 2P
   Surface Mount Rectifiers
logo
Galaxy Semi-Conductor H...
DO-213AB BILIN-DO-213AB Datasheet
23Kb / 1P
   Package Dimensions
logo
Shenzhen Luguang Electr...
DO-213AB LUGUANG-DO-213AB Datasheet
191Kb / 2P
   Surface Mount Rectifiers
More results

Similar Description - DO-213AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS23-E3 VISHAY-SS23-E3 Datasheet
246Kb / 9P
   Packaging Information
Revision: 01-Feb-13
logo
Torex Semiconductor
SOT-23D TOREX-SOT-23D Datasheet
229Kb / 3P
   Packaging Information
SOD-123P TOREX-SOD-123P Datasheet
173Kb / 2P
   Packaging Information
logo
Vishay Siliconix
US1M-E35AT VISHAY-US1M-E35AT Datasheet
396Kb / 9P
   Packaging Information
Revision: 05-Mar-14
logo
Torex Semiconductor
USPN-6B01 TOREX-USPN-6B01 Datasheet
261Kb / 3P
   Packaging Information
logo
Vishay Siliconix
SIHP33N60E VISHAY-SIHP33N60E Datasheet
396Kb / 9P
   Packaging Information
Revision: 18-Mar-14
logo
Torex Semiconductor
TO-252 TOREX-TO-252 Datasheet
121Kb / 2P
   Packaging Information
SMA-XG TOREX-SMA-XG Datasheet
76Kb / 1P
   Packaging Information
logo
Texas Instruments
TPS51622ARSMR TI-TPS51622ARSMR Datasheet
829Kb / 10P
[Old version datasheet]   PACKAGING INFORMATION
logo
Torex Semiconductor
SOT-323 TOREX-SOT-323 Datasheet
134Kb / 2P
   Packaging Information
TO-92 TOREX-TO-92 Datasheet
182Kb / 3P
   Packaging Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com