Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT0603S14AHSG Datasheet(PDF) 5 Page - EPCOS

Part # CT0603S14AHSG
Description  Ceramic transient voltage suppressors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT0603S14AHSG Datasheet(HTML) 5 Page - EPCOS

  CT0603S14AHSG Datasheet HTML 1Page - EPCOS CT0603S14AHSG Datasheet HTML 2Page - EPCOS CT0603S14AHSG Datasheet HTML 3Page - EPCOS CT0603S14AHSG Datasheet HTML 4Page - EPCOS CT0603S14AHSG Datasheet HTML 5Page - EPCOS CT0603S14AHSG Datasheet HTML 6Page - EPCOS CT0603S14AHSG Datasheet HTML 7Page - EPCOS CT0603S14AHSG Datasheet HTML 8Page - EPCOS CT0603S14AHSG Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Ceramic transient voltage suppressors
B72500E8140S160
SMD multilayer varistor, E series
CT0603S14AHSG
PPD ML PD
2011-12-06
Please read Cautions and warnings and
Page 5 of 13
Important notes at the end of this document.
Temperature derating
The specified ratings for I
max, Isurge,max and Pdiss,max are valid up to 150 °C.
For operation above 150 °C we recommend the below derating.
Dimensional drawing
MLV0031-M
w
k
Dimensions in mm
Case size
l
w
h
k
0603
1.6 ±0.15
0.80 ±0.10
0.9 max.
0.10 … 0.40
Recommended solder pad layout
Dimensions in mm
Case size
A
B
C
0603
1.00
1.00
1.00
MLV0034-P
A


Similar Part No. - CT0603S14AHSG

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT0603S14BAUTOG EPCOS-CT0603S14BAUTOG Datasheet
94Kb / 5P
   Multilayer technology
CT0603S14BAUTOG EPCOS-CT0603S14BAUTOG Datasheet
167Kb / 13P
   Ceramic transient voltage suppressors
More results

Similar Description - CT0603S14AHSG

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com