Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72500E5250L060 Datasheet(PDF) 9 Page - EPCOS

Part # B72500E5250L060
Description  Ceramic transient voltage suppressors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72500E5250L060 Datasheet(HTML) 9 Page - EPCOS

Back Button B72500E5250L060 Datasheet HTML 5Page - EPCOS B72500E5250L060 Datasheet HTML 6Page - EPCOS B72500E5250L060 Datasheet HTML 7Page - EPCOS B72500E5250L060 Datasheet HTML 8Page - EPCOS B72500E5250L060 Datasheet HTML 9Page - EPCOS B72500E5250L060 Datasheet HTML 10Page - EPCOS B72500E5250L060 Datasheet HTML 11Page - EPCOS B72500E5250L060 Datasheet HTML 12Page - EPCOS B72500E5250L060 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Ceramic transient voltage suppressors
B72500E5250L060
SMD multilayer varistor, E series
CT0603L25HTCCG
PPD ML PD
2011-12-06
Please read Cautions and warnings and
Page 9 of 14
Important notes at the end of this document.
Taping and packaging
Tape and reel packing according to IEC 60286-3
Tape material: Cardboard
Dimensions and tolerances
Definition
Symbol
Dimension
[mm]
Tolerance
[mm]
Compartment width
A0
0.95
±0.2
Compartment length
B0
1.8
±0.2
Sprocket hole diameter
D0
1.5
+0.1/-0
Sprocket hole pitch
P0
4.0
±0.1 1)
Distance center hole to center compartment
P2
2.0
±0.05
Pitch of the component compartments
P1
4.0
±0.1
Tape width
W
8.0
±0.3
Distance edge to center of hole
E
1.75
±0.1
Distance center hole to center compartment
F
3.5
±0.05
Distance compartment to edge
G
0.75
min.
Overall thickness
T2
1.1
max.
Thickness tape
T
0.9
max.
1) ±0.2 mm over 10 sprocket holes.
Package: 8-mm tape
P1
0
A
P
D
P
0
2
0
T2
T
T
1
1
T
Direction of unreeling


Similar Part No. - B72500E5250L060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500E5200S160 EPCOS-B72500E5200S160 Datasheet
166Kb / 13P
   Ceramic transient voltage suppressors
More results

Similar Description - B72500E5250L060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com