Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75C1167DBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75C1167DBR
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C1167DBR Datasheet(HTML) 5 Page - Texas Instruments

  SN75C1167DBR Datasheet HTML 1Page - Texas Instruments SN75C1167DBR Datasheet HTML 2Page - Texas Instruments SN75C1167DBR Datasheet HTML 3Page - Texas Instruments SN75C1167DBR Datasheet HTML 4Page - Texas Instruments SN75C1167DBR Datasheet HTML 5Page - Texas Instruments SN75C1167DBR Datasheet HTML 6Page - Texas Instruments SN75C1167DBR Datasheet HTML 7Page - Texas Instruments SN75C1167DBR Datasheet HTML 8Page - Texas Instruments SN75C1167DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SN65C1167
SN75C1167, SN65C1168, SN75C1168
www.ti.com
SLLS159F – MARCH 1993 – REVISED NOVEMBER 2009
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.5
7
V
Driver
–0.5
VCC + 0.5
VI
Input voltage range
V
A or B, Receiver
–11
14
VID
Differential input voltage range(3)
Receiver
–14
14
V
VO
Output voltage range
Driver
–0.5
7
V
IIK or IOK
Clamp current range
Driver
±20
mA
Driver
±150
IO
Output current range
mA
Receiver
±25
ICC
Supply current
200
mA
GND current
−200
mA
TJ
Operating virtual junction temperature
150
°C
DB package
82
N package
67
θJA
Package thermal impedance(4) (5)
°C/W
NS package
64
PW package
108
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages values except differential input voltage are with respect to the network GND.
(3)
Differential input voltage is measured at the noninverting terminal with respect to the inverting terminal.
(4)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(5)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIC
Common-mode input voltage(1)
Receiver
±7
V
VID
Differential input voltage
Receiver
±7
V
VIH
High-level input voltage
Except A, B
2
V
VIL
Low-level input voltage
Except A, B
0.8
V
Receiver
−6
IOH
High-level output current
mA
Driver
−20
Receiver
6
IOL
Low-level output current
mA
Driver
20
SN75C1167, SN75C1168
0
70
TA
Operating free-air temperature
°C
SN65C1167, SN65C1168
–40
85
(1)
Refer to TIA/EIA-422-B for exact conditions.
Copyright © 1993–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65C1167 SN75C1167 SN65C1168 SN75C1168


Similar Part No. - SN75C1167DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1167DBR TI-SN75C1167DBR Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1167DBR TI-SN75C1167DBR Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1167DBR TI-SN75C1167DBR Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1167DBR TI-SN75C1167DBR Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75C1167DBR TI1-SN75C1167DBR Datasheet
1Mb / 21P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN75C1167DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com