Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HCT273PWTE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HCT273PWTE4
Description   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCT273PWTE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCT273PWTE4 Datasheet HTML 1Page - Texas Instruments SN74HCT273PWTE4 Datasheet HTML 2Page - Texas Instruments SN74HCT273PWTE4 Datasheet HTML 3Page - Texas Instruments SN74HCT273PWTE4 Datasheet HTML 4Page - Texas Instruments SN74HCT273PWTE4 Datasheet HTML 5Page - Texas Instruments SN74HCT273PWTE4 Datasheet HTML 6Page - Texas Instruments SN74HCT273PWTE4 Datasheet HTML 7Page - Texas Instruments SN74HCT273PWTE4 Datasheet HTML 8Page - Texas Instruments SN74HCT273PWTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54HCT273, SN74HCT273
OCTAL DTYPE FLIPFLOPS
WITH CLEAR
SCLS068E − NOVEMBER 1988 − REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Voltage Range of 4.5 V to 5.5 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 12 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Inputs Are TTL-Voltage Compatible
D Contain Eight D-Type Flip-Flops
D Direct Clear Input
D Applications Include:
− Buffer/Storage Registers
− Shift Registers
− Pattern Generators
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLR
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
CLK
SN54HCT273 ...J OR W PACKAGE
SN74HCT273 . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
3
2120 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
8D
7D
7Q
6Q
6D
2D
2Q
3Q
3D
4D
SN54HCT273 . . . FK PACKAGE
(TOP VIEW)
description/ordering information
These devices are positive-edge-triggered D-type flip-flops with a common enable input. The ’HCT273 devices
are similar to the ’HCT377 devices, but feature a common clear enable (CLR) input instead of a latched clock.
Information at the data (D) inputs meeting the setup time requirements is transferred to the Q outputs on the
positive-going edge of the clock (CLK) pulse. Clock triggering occurs at a particular voltage level and is not
directly related to the positive-going pulse. When CLK is at either the high or low level, the D input has no effect
at the output. The circuits are designed to prevent false clocking by transitions at CLR.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 20
SN74HCT273N
SN74HCT273N
SOIC − DW
Tube of 25
SN74HCT273DW
HCT273
SOIC − DW
Reel of 2000
SN74HCT273DWR
HCT273
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HCT273NSR
HCT273
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74HCT273DBR
HT273
Tube of 70
SN74HCT273PW
TSSOP − PW
Reel of 2000
SN74HCT273PWR
HT273
TSSOP − PW
Reel of 250
SN74HCT273PWT
HT273
CDIP − J
Tube of 20
SNJ54HCT273J
SNJ54HCT273J
−55
°C to 125°C
CFP − W
Tube of 85
SNJ54HCT273W
SNJ54HCT273W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HCT273FK
SNJ54HCT273FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Similar Part No. - SN74HCT273PWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT273PWT TI-SN74HCT273PWT Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com