Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3717ANE Datasheet(PDF) 9 Page - Texas Instruments

Part # UC3717ANE
Description  Stepper Motor Drive Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3717ANE Datasheet(HTML) 9 Page - Texas Instruments

Back Button UC3717ANE Datasheet HTML 2Page - Texas Instruments UC3717ANE Datasheet HTML 3Page - Texas Instruments UC3717ANE Datasheet HTML 4Page - Texas Instruments UC3717ANE Datasheet HTML 5Page - Texas Instruments UC3717ANE Datasheet HTML 6Page - Texas Instruments UC3717ANE Datasheet HTML 7Page - Texas Instruments UC3717ANE Datasheet HTML 8Page - Texas Instruments UC3717ANE Datasheet HTML 9Page - Texas Instruments UC3717ANE Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-9474601M2A
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
UC1717J
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
UC1717J883B
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
UC1717L883B
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
UC1717SP883B
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
UC2717J
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
UC3717J
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
UC3717N
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
UC3717Q
OBSOLETE
PLCC
FN
20
TBD
Call TI
Call TI
UC3717QTR
OBSOLETE
PLCC
FN
20
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Sep-2008
Addendum-Page 1


Similar Part No. - UC3717ANE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3717AN TI1-UC3717AN Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717AN TI1-UC3717AN Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717ANG4 TI1-UC3717ANG4 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717ANG4 TI1-UC3717ANG4 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
More results

Similar Description - UC3717ANE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
SLUS369 TI1-SLUS369 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI-UC1517 Datasheet
402Kb / 8P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com