Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54612PWPG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54612PWPG4
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54612PWPG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54612PWPG4 Datasheet HTML 3Page - Texas Instruments TPS54612PWPG4 Datasheet HTML 4Page - Texas Instruments TPS54612PWPG4 Datasheet HTML 5Page - Texas Instruments TPS54612PWPG4 Datasheet HTML 6Page - Texas Instruments TPS54612PWPG4 Datasheet HTML 7Page - Texas Instruments TPS54612PWPG4 Datasheet HTML 8Page - Texas Instruments TPS54612PWPG4 Datasheet HTML 9Page - Texas Instruments TPS54612PWPG4 Datasheet HTML 10Page - Texas Instruments TPS54612PWPG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TPS54611, TPS54612
TPS54613, TPS54614
TPS54615, TPS54616
SLVS400C − AUGUST 2001 − REVISED APRIL 2005
www.ti.com
7
TYPICAL CHARACTERISTICS
Figure 1
0
20
40
60
80
100
120
−40
0
25
85
125
IO = 3 A
VI = 3.3 V
TJ − Junction Temperature − °C
DRAIN-SOURCE ON-STATE
RESISTANCE
vs
JUNCTION TEMPERATURE
Figure 2
0
20
40
60
80
100
−40
0
25
85
125
IO = 3 A
VI = 5 V
TJ − Junction Temperature − °C
DRAIN-SOURCE ON-STATE
RESISTANCE
vs
JUNCTION TEMPERATURE
Figure 3
450
−40
0
25
550
INTERNALLY SET OSCILLATOR
FREQUENCY
vs
JUNCTION TEMPERATURE
750
85
125
650
350
250
TJ − Junction Temperature − °C
FSEL ≥ 2.5 V
FSEL ≤ 0.8 V
Figure 4
400
−40
0
25
500
EXTERNALLY SET OSCILLATOR
FREQUENCY
vs
JUNCTION TEMPERATURE
800
85
125
700
300
200
TJ − Junction Temperature − °C
600
RT = 68 k
RT = 100 k
RT = 180 k
Figure 5
0.889
−40
0
25
VOLTAGE REFERENCE
vs
JUNCTION TEMPERATURE
0.895
85
125
0.893
0.887
0.885
TJ − Junction Temperature − °C
0.891
Figure 6
0.8850
0.8870
0.8890
0.8910
0.8930
0.8950
34
56
f = 350 kHz
TA = 85°C
VI − Input Voltage − V
OUTPUT VOLTAGE REGULATION
vs
INPUT VOLTAGE
Figure 7
f − Frequency − Hz
60
40
0
0
10
100
1 k
10 k 100 k 1 M
80
100
ERROR AMPLIFIER
OPEN LOOP RESPONSE
140
10 M
120
20
−20
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
−200
RL= 10 kΩ,
CL = 160 pF,
TA = 25°C
Phase
Gain
Figure 8
TJ − Junction Temperature − °C
3.35
3.20
2.90
−40
0
25
85
3.50
3.65
INTERNAL SLOW-START TIME
vs
JUNCTION TEMPERATURE
125
3.80
3.05
2.75
Figure 9
IL − Load Current − A
2
1.5
0.5
01
2
3
4
5
6
2.5
3
DEVICE POWER LOSSES
vs
LOAD CURRENT
5
78
3.5
1
0
4
4.5
TJ = 125°C
FS = 700 kHz
VI = 3.3 V
VI = 5.0 V


Similar Part No. - TPS54612PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54612PWPG4 TI1-TPS54612PWPG4 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612PWPG4 TI-TPS54612PWPG4 Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results

Similar Description - TPS54612PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610 TI-TPS54610_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS54610 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher with Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com