Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26PCBFP6G Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # 26PCBFP6G
Description  Gage Unamplified Compensated Flow-Through
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

26PCBFP6G Datasheet(HTML) 3 Page - Honeywell Accelerometers

  26PCBFP6G Datasheet HTML 1Page - Honeywell Accelerometers 26PCBFP6G Datasheet HTML 2Page - Honeywell Accelerometers 26PCBFP6G Datasheet HTML 3Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pressure Sensors
26PC Series
Gage Unamplified Compensated Flow-Through
24
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
SENSOR SELECTION GUIDE
26
PC
A
F*
N
5
G
Product
Circuit
Pressure
Pressure
Type of
Port
Termination
Pressure
Family
Type
Transducer
Range
Seal
Type
Style
Measurement
2 20PC
Family
6 Compen-
sated,
Calibrated
A 1 psi
B 5 psi
C 15 psi
D 30 psi
F 100 psi
J 38 psi
K 38 psi
(passivated)
E EPDM
F Fluoro-
silicone
N Neoprene
S Silicone
G Small
N Large
(.350 dia.)
P Large
(.315 dia.)
2 4-pin DIP
5 Wire
harness
6 4-pin SIP
G Gage
Example: 26PCBFG5G
Compensated, calibrated 5 psi sensor, fluorosilicone seal, small flow-through ports, wire harness, and gage pressure measurements.
*Other media seal materials may be available.
Note: Not all combinations are established. Contact 800 number before final design.
See Accessory Guide, page 27.


Similar Part No. - 26PCBFP6G

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
26PCBFA2G HONEYWELL-26PCBFA2G Datasheet
245Kb / 1P
   BRIDGE PRESSURE SENSOR
logo
Honeywell Accelerometer...
26PCBFA6D HONEYWELL-ACC-26PCBFA6D Datasheet
183Kb / 1P
   BRIDGE PRESSURE SENSOR
26PCBFA6D HONEYWELL-ACC-26PCBFA6D Datasheet
183Kb / 1P
   26PC SERIES CHART 4
26PCBFH6D HONEYWELL-ACC-26PCBFH6D Datasheet
183Kb / 1P
   26PC SERIES CHART 4
26PCBFJ6D HONEYWELL-ACC-26PCBFJ6D Datasheet
183Kb / 1P
   26PC SERIES CHART 4
More results

Similar Description - 26PCBFP6G

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
17365 HONEYWELL-ACC-17365 Datasheet
290Kb / 5P
   Gage and Differential/Unamplified-Noncompensated
26PCCFB2G HONEYWELL-ACC-26PCCFB2G Datasheet
80Kb / 2P
   Pressure Sensors Gage and Differential/Unamplified
logo
Unisonic Technologies
UESD4CUSB30G-AF5-R UTC-UESD4CUSB30G-AF5-R Datasheet
133Kb / 4P
   Flow-Through Pin Mapping
logo
List of Unclassifed Man...
141PC01G ETC1-141PC01G Datasheet
515Kb / 4P
   Absolute, Differential, Gage, Vacuum Gage/Amplified
logo
Sensortechnics GmbH
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
logo
Samsung semiconductor
DS_K7M323625M SAMSUNG-DS_K7M323625M Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7M163635B SAMSUNG-K7M163635B Datasheet
394Kb / 19P
   512Kx36 & 1Mx18 Flow-Through NtRAM
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
Samsung semiconductor
K7M323635C SAMSUNG-K7M323635C Datasheet
391Kb / 19P
   1Mx36 & 2Mx18 Flow-Through NtRAM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com