Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-88730012A Datasheet(PDF) 5 Page - Texas Instruments

Part # 5962-88730012A
Description  QUADRUPLE 2-INPUT POSITIVE-OR BUFFERS/DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-88730012A Datasheet(HTML) 5 Page - Texas Instruments

  5962-88730012A Datasheet HTML 1Page - Texas Instruments 5962-88730012A Datasheet HTML 2Page - Texas Instruments 5962-88730012A Datasheet HTML 3Page - Texas Instruments 5962-88730012A Datasheet HTML 4Page - Texas Instruments 5962-88730012A Datasheet HTML 5Page - Texas Instruments 5962-88730012A Datasheet HTML 6Page - Texas Instruments 5962-88730012A Datasheet HTML 7Page - Texas Instruments 5962-88730012A Datasheet HTML 8Page - Texas Instruments 5962-88730012A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-88730012A
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
5962-8873001DA
OBSOLETE
CFP
W
14
TBD
Call TI
Call TI
SN54AS1032AJ
OBSOLETE
CDIP
J
14
TBD
Call TI
Call TI
SN74AS1032AD
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS1032ADE4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS1032ADG4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AS1032AN
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SN74AS1032ANE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
SNJ54AS1032AFK
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
SNJ54AS1032AJ
OBSOLETE
CDIP
J
14
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
11-Nov-2009
Addendum-Page 1


Similar Part No. - 5962-88730012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-88731012A TI1-5962-88731012A Datasheet
1Mb / 19P
[Old version datasheet]   HEX DRIVERS
5962-8873101CA TI1-5962-8873101CA Datasheet
1Mb / 19P
[Old version datasheet]   HEX DRIVERS
5962-8873101DA TI1-5962-8873101DA Datasheet
1Mb / 19P
[Old version datasheet]   HEX DRIVERS
5962-88737012A TI1-5962-88737012A Datasheet
301Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
5962-8873701RA TI1-5962-8873701RA Datasheet
301Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-88730012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS1032A TI-SN54AS1032A Datasheet
79Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR BUFFERS/DRIVERS
SN54AS1000A TI-SN54AS1000A Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN54ALS1000A TI-SN54ALS1000A Datasheet
56Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN54AS1000A TI1-SN54AS1000A_15 Datasheet
983Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS
SN54ALS1002A TI-SN54ALS1002A Datasheet
43Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN54F37 TI-SN54F37 Datasheet
145Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
logo
Renesas Technology Corp
HD74LS37 RENESAS-HD74LS37 Datasheet
57Kb / 5P
   Quadruple 2-input Positive NAND Buffers
logo
Texas Instruments
SN5428 TI-SN5428 Datasheet
152Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS
SN54ALS37A TI-SN54ALS37A Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
SN54F38 TI1-SN54F38_08 Datasheet
84Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com