Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54611PWPG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54611PWPG4
Description  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54611PWPG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54611PWPG4 Datasheet HTML 1Page - Texas Instruments TPS54611PWPG4 Datasheet HTML 2Page - Texas Instruments TPS54611PWPG4 Datasheet HTML 3Page - Texas Instruments TPS54611PWPG4 Datasheet HTML 4Page - Texas Instruments TPS54611PWPG4 Datasheet HTML 5Page - Texas Instruments TPS54611PWPG4 Datasheet HTML 6Page - Texas Instruments TPS54611PWPG4 Datasheet HTML 7Page - Texas Instruments TPS54611PWPG4 Datasheet HTML 8Page - Texas Instruments TPS54611PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS54611, TPS54612
TPS54613, TPS54614
TPS54615, TPS54616
SLVS400C − AUGUST 2001 − REVISED APRIL 2005
www.ti.com
3
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
VIN, SS/ENA, FSEL
−0.3 V to 7 V
Input voltage range V
RT
−0.3 V to 6 V
Input voltage range, VI
VSENSE
−0.3 V to 4 V
BOOT
−0.3 V to 17 V
Output voltage range V
VBIAS, PWRGD
−0.3 V to 7 V
Output voltage range, VO
PH
−0.6 V to 10 V
Source current I
PH
Internally Limited
Source current, IO
VBIAS
6 mA
Sink current I
PH
12 A
Sink current, IS
SS/ENA, PWRGD
10 mA
Voltage differential
AGND to PGND
±0.3 V
Continuous power dissipation
See Power Dissipation Rating Table
Operating virtual junction temperature range, TJ
−40°C to 125°C
Storage temperature, Tstg
−65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS(1)(2)
PACKAGE
THERMAL IMPEDANCE
JUNCTION-TO-AMBIENT
TA =25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
28 Pin PWP with solder
18.2 °C/W
5.49 W(3)
3.02 W
2.20 W
28 Pin PWP without solder
40.5 °C/W
2.48 W
1.36 W
0.99 W
(1) For more information on the PWP package, refer to TI technical brief, literature number SLMA002.
(2) Test board conditions:
1. 3” x 3”, 4 layers, thickness: 0.062”
2. 1.5 oz. copper traces located on the top of the PCB
3. 1.5 oz. copper ground plane on the bottom of the PCB
4. 0.5 oz. copper ground planes on the 2 internal layers
5. 12 thermal vias (see “Recommended Land Pattern” in applications section of this data sheet)
(3) Maximum power dissipation may be limited by over current protection.
ADDITIONAL 6A SWIFT™ DEVICES
DEVICE
OUTPUT VOLTAGE
TPS54610
0.9 V to 3.3 V
TPS54672
DDR memory adjustable
TPS54680
Sequencing adjustable
TPS54673
Prebias adjustable
RELATED DC/DC PRODUCTS
D TPS40000—Low-input, voltage-mode synchronous buck controller
D TPS759xx—7.5-A low dropout regulator
D PT6440 series—6 A plugin modules


Similar Part No. - TPS54611PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54611PWPG4 TI1-TPS54611PWPG4 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611PWPG4 TI-TPS54611PWPG4 Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results

Similar Description - TPS54611PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610 TI-TPS54610_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS54610 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher with Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com