Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62080 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62080
Description  1.2A High Efficient Step Down Converter with Snooze Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62080 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62080 Datasheet HTML 5Page - Texas Instruments TPS62080 Datasheet HTML 6Page - Texas Instruments TPS62080 Datasheet HTML 7Page - Texas Instruments TPS62080 Datasheet HTML 8Page - Texas Instruments TPS62080 Datasheet HTML 9Page - Texas Instruments TPS62080 Datasheet HTML 10Page - Texas Instruments TPS62080 Datasheet HTML 11Page - Texas Instruments TPS62080 Datasheet HTML 12Page - Texas Instruments TPS62080 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
3.24
3.26
3.28
3.30
3.32
3.34
10u
100u
1m
10m
100m
1
3
Output Current (A)
TA = 25°C
TA = −40°C
TA = 85°C
TPS62082
VIN = 3.6 V
G013
15u
20u
25u
30u
35u
40u
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
TA = 25°C
TA = −40°C
TA = 85°C
IOUT = 0 A, Mode = Low
G016
2.46
2.48
2.50
2.52
2.54
10u
100u
1m
10m
100m
1
3
Output Current (A)
TA = 25°C
TA = −40°C
TA = 85°C
TPS62080
VIN = 3.6 V
G011
1.76
1.78
1.80
1.82
1.84
10u
100u
1m
10m
100m
1
3
Output Current (A)
TA = 25°C
TA = −40°C
TA = 85°C
TPS62081
VIN = 3.6 V
G012
3.18
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
IOUT = 1A, TA = 25°C
IOUT = 1A, TA = −40°C
IOUT = 1A, TA = 85°C
IOUT = 10mA, TA = 25°C
IOUT = 10mA, TA = −40°C
IOUT = 10mA, TA = 85°C
TPS62082
VOUT = 3.3 V
G009
0.890
0.892
0.894
0.896
0.898
0.900
0.902
0.904
0.906
0.908
0.910
10u
100u
1m
10m
100m
1
3
Output Current (A)
TA = 25°C
TA = −40°C
TA = 85°C
TPS62080
VIN = 3.6 V
G010
TPS62080, TPS62080A
TPS62081, TPS62082
www.ti.com
SLVSAE8D – SEPTEMBER 2011 – REVISED JULY 2013
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
LOAD CURRENT
Figure 12.
Figure 13.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 14.
Figure 15.
OUTPUT VOLTAGE
QUIESCENT CURRENT
vs
vs
LOAD CURRENT
INPUT VOLTAGE
Figure 16.
Figure 17.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082


Similar Part No. - TPS62080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TPS62080 TI-TPS62080 Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080 Datasheet
1Mb / 28P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080A TI-TPS62080A Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080A TI1-TPS62080A Datasheet
1Mb / 28P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
More results

Similar Description - TPS62080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62080 TI1-TPS62080_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080DSGR TI-TPS62080DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080 TI1-TLV62080 Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145 Datasheet
310Kb / 16P
   1.2A Step-Down Converter
logo
Texas Instruments
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
logo
ACE Technology Co., LTD...
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
   24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
   1.2A Synchronous Rectified Step-Down Converter
logo
Diodes Incorporated
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com