Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6747DZKBA3 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6747DZKBA3
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
Download  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6747DZKBA3 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C6747DZKBA3 Datasheet HTML 1Page - Texas Instruments TMS320C6747DZKBA3 Datasheet HTML 2Page - Texas Instruments TMS320C6747DZKBA3 Datasheet HTML 3Page - Texas Instruments TMS320C6747DZKBA3 Datasheet HTML 4Page - Texas Instruments TMS320C6747DZKBA3 Datasheet HTML 5Page - Texas Instruments TMS320C6747DZKBA3 Datasheet HTML 6Page - Texas Instruments TMS320C6747DZKBA3 Datasheet HTML 7Page - Texas Instruments TMS320C6747DZKBA3 Datasheet HTML 8Page - Texas Instruments TMS320C6747DZKBA3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
www.ti.com
NOR (8-/16-Bit-Wide Data)
Device Only
NAND (8-/16-Bit-Wide Data)
– End Point 0 (Control)
16-Bit SDRAM With 128MB Address
– End Points 1,2,3,4 (Control, Bulk, Interrupt or
Space (C6747 Only)
ISOC) Rx and Tx
– EMIFB
• Three Multichannel Audio Serial Ports:
32-Bit or 16-Bit SDRAM With 256MB
– C6747 supports 3 McASPs
Address Space (C6747)
– C6745 supports 2 McASPs
16-Bit SDRAM With 128MB Address
– Six Clock Zones and 28 Serial Data Pins
Space (C6745)
– Supports TDM, I2S, and Similar Formats
• Three Configurable 16550 type UART Modules:
– DIT-Capable (McASP2)
– UART0 With Modem Control Signals
– FIFO buffers for Transmit and Receive
– Autoflow control signals (CTS, RTS) on
• 10/100 Mb/s Ethernet MAC (EMAC):
UART0 only
– IEEE 802.3 Compliant (3.3-V I/O Only)
– 16-byte FIFO
– RMII Media Independent Interface
– 16x or 13x Oversampling Option
– Management Data I/O (MDIO) Module
• LCD Controller (C6747 Only)
• Real-Time Clock With 32 KHz Oscillator and
• Two Serial Peripheral Interfaces (SPI) Each
Separate Power Rail (C6747 Only)
With One Chip-Select
• One 64-Bit General-Purpose Timer
• Multimedia Card (MMC)/Secure Digital (SD)
(Configurable as Two 32-Bit Timers)
Card Interface with Secure Data I/O (SDIO)
• One 64-bit General-Purpose/Watchdog Timer
• Two Master/Slave Inter-Integrated Circuit (I2C
(Configurable as Two 32-bit General-Purpose
Bus™)
Timers)
• One Host-Port Interface (HPI) With 16-Bit-Wide
• Three Enhanced Pulse Width Modulators
Muxed Address/Data Bus For High Bandwidth
(eHRPWM):
(C6747 only)
– Dedicated 16-Bit Time-Base Counter With
• Programmable Real-Time Unit Subsystem
Period And Frequency Control
(PRUSS)
– 6 Single Edge, 6 Dual Edge Symmetric or 3
– Two Independent Programmable Realtime
Dual Edge Asymmetric Outputs
Unit (PRU) Cores
– Dead-Band Generation
32-Bit Load/Store RISC architecture
– PWM Chopping by High-Frequency Carrier
4K Byte instruction RAM per core
– Trip Zone Input
512 Bytes data RAM per core
• Three 32-Bit Enhanced Capture Modules
PRU Subsystem (PRUSS) can be disabled
(eCAP):
via software to save power
– Configurable as 3 Capture Inputs or 3
– Standard power management mechanism
Auxiliary Pulse Width Modulator (APWM)
Clock gating
outputs
Entire subsystem under a single PSC
– Single Shot Capture of up to Four Event
clock gating domain
Time-Stamps
– Dedicated interrupt controller
• Two 32-Bit Enhanced Quadrature Encoder
– Dedicated switched central resource
Pulse Modules (eQEP)
• USB 1.1 OHCI (Host) With Integrated PHY
• C6747 Device:
(USB1) (C6747 Only)
– 256-Ball Pb-Free Plastic Ball Grid Array
• USB 2.0 OTG Port With Integrated PHY (USB0)
(PBGA) [ZKB Suffix], 1.0-mm Ball Pitch
– USB 2.0 High-/Full-Speed Client (C6747)
• C6745 Device
– USB 2.0 Full-Speed Client (C6745)
– 176-pin PowerPAD™ Plastic Quad Flat Pack
[PTP suffix], 0.5-mm Pin Pitch
– USB 2.0 High-/Full-/Low-Speed Host (C6747)
• Commercial, Industrial, Extended, or
– USB 2.0 Full-/Low-Speed Host (C6745)
Automotive Temperature
– High-speed Functionality Available on C6747
2
TMS320C6745/6747 Fixed/Floating-Point Digital Signal Processor
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747


Similar Part No. - TMS320C6747DZKBA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747DZKBA3 TI1-TMS320C6747DZKBA3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747DZKBA3 TI-TMS320C6747DZKBA3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747DZKBA3 TI1-TMS320C6747DZKBA3 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6747DZKBA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6745 TI1-TMS320C6745_13 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747CZKBD4 TI-TMS320C6747CZKBD4 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6745CPTPA3 TI-TMS320C6745CPTPA3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6743 TI1-TMS320C6743 Datasheet
1Mb / 153P
[Old version datasheet]   TMS320C6743 Fixed/Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671_16 Datasheet
2Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com