Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1022-TR Datasheet(PDF) 10 Page - Honeywell Accelerometers

Part # HMC1022-TR
Description  1- and 2-Axis Magnetic Sensors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HMC1022-TR Datasheet(HTML) 10 Page - Honeywell Accelerometers

Back Button HMC1022-TR Datasheet HTML 6Page - Honeywell Accelerometers HMC1022-TR Datasheet HTML 7Page - Honeywell Accelerometers HMC1022-TR Datasheet HTML 8Page - Honeywell Accelerometers HMC1022-TR Datasheet HTML 9Page - Honeywell Accelerometers HMC1022-TR Datasheet HTML 10Page - Honeywell Accelerometers HMC1022-TR Datasheet HTML 11Page - Honeywell Accelerometers HMC1022-TR Datasheet HTML 12Page - Honeywell Accelerometers HMC1022-TR Datasheet HTML 13Page - Honeywell Accelerometers HMC1022-TR Datasheet HTML 14Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HMC1001/1002/1021/1022
10
www.honeywell.com
Figure 4 – Higher Voltage Set/Reset Circuit for HMC1001 & HMC1002
The three strap resistances are chosen at 1.8 ohms, or the worst-case high resistance points. Since they require a
minimum of 3 amperes peak, the series combination requires at least 16.2 volts, so a circuit Vdd of about 18 volts would
about the right level to drive the strap load and allocate for losses in the C1 capacitor ESR and the MOSFET switches X1
and X2. C1’s value is also chosen at 0.22 micro-farad so the circuit time constant is at least around 1 micro-second.
Supply reservoir capacitor C2 is chosen to many times the value of C1 and is also picked for small size, working voltage,
and low ESR relative to the strap load resistance. C2 typically will be in the 1 to 10 micro-farad range and best to error on
the high capacitance side since C2 now supplies additional X1 gate drive circuitry. Resistor R5 is then chosen after C2 to
set the recharge time constant and to limit peak supply current. These capacitors should be chosen to have a low ESR
characteristic of around 0.2 ohms per capacitor.
Working backwards from the strap load resistance, MOSFETs X1 and X2 are chosen as IRF7105 due to the total
packaged size (both X1 and X2 in one SOIC-8), and meeting the requirements for operating voltages, peak currents, and
low on resistances. X2 is directly driven from digital logic denoted as “Vset”, and “Vreset” drives the level shifting sub-
circuit to X1. Note that Vreset turns off X2 first prior to X1 being driven on by Vset, and also X1 is turned off before X2 is
turned on. While one logic line could control the operation of Vset and Vreset, the additional inverter stages and pulse
delay components may be too space and cost consuming compared to two logic ports in a microcontroller. See Figure 4
in Application Note 201 for the discrete Vset and Vreset pulse forming circuit.
Transistors Q1 and Q2 in Figure 4 are chosen to be generic BJTs to force MOSFET X1’s gate charge quickly into on and
off states. Resistors R1 and R2 are selected as nominal 1000 ohm values that can pump or dump X1’s gate charge by
supplying Q1 and Q2 with enough base drive currents to flip their on and off states. Transistor Q3 is also chosen as a
generic, but reasonably fast switch transistor to perform the level shift function with resistors R1 and R2. Components R3,
C3 and D1 are chosen to properly drive Q3 from a logic level source, with C3 and D1 denoted as a “speed-up” network to
quickly switch Q3 within a few nanoseconds of logic transitions.
5
1
2
X1
IRF7105P
8
X2
IRF7105N
3
Q1
2N2222
Q2
2N2907
R1
1000
4
R2
1000
6
Q3
2N2222
7
R3
1000
10
Vdd
Vset
Vreset
12
Rsr3
1.8
9
C1
0.22U
C2
10U
R5
220
C3
1N
D1
1N4148
11
Rsr1
1.8
Rsr2
1.8


Similar Part No. - HMC1022-TR

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMC1022 HONEYWELL-HMC1022 Datasheet
628Kb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Hittite Microwave Corpo...
HMC1022 HITTITE-HMC1022 Datasheet
683Kb / 10P
   GaAs pHEMT MMIC 0.25 WATT POWER AMPLIFIER, DC - 48 GHz
HMC1022 HITTITE-HMC1022 Datasheet
725Kb / 10P
   GaAs pHEMT MMIC
logo
Honeywell Accelerometer...
HMC1022 HONEYWELL-ACC-HMC1022 Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Analog Devices
HMC1022A AD-HMC1022A Datasheet
807Kb / 3P
   GaAs pHEMT MMIC 0.25 WATT POWER AMPLIFIER, DC
More results

Similar Description - HMC1022-TR

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HMC1001-RC HONEYWELL-ACC-HMC1001-RC Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
logo
List of Unclassifed Man...
HMC1051 ETC-HMC1051 Datasheet
330Kb / 8P
   1 AND 2-AXIS MAGNETIC SENSORS
logo
Honeywell Solid State E...
HMC1001 HONEYWELL-HMC1001 Datasheet
628Kb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Honeywell Accelerometer...
HMC1052L-TR HONEYWELL-ACC-HMC1052L-TR Datasheet
662Kb / 11P
   1, 2 and 3 Axis Magnetic Sensors
logo
Honeywell Solid State E...
HMC105X HONEYWELL-HMC105X Datasheet
895Kb / 12P
   1, 2 AND 3-AXIS MAGNETIC SENSORS
HMC1051 HONEYWELL-HMC1051_06 Datasheet
687Kb / 12P
   1, 2 and 3 Axis Magnetic Sensors
logo
List of Unclassifed Man...
HMC1052 ETC-HMC1052 Datasheet
698Kb / 4P
   Two-Axis Magnetic Sensors
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
   1-Axis Magnetic Sensor
logo
Honeywell Solid State E...
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
   2-Axis Magnetic Sensor
logo
List of Unclassifed Man...
HMC1052L ETC-HMC1052L Datasheet
151Kb / 1P
   2-AXIS MAGNETIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com