Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZ-2RS7225551-A2 Datasheet(PDF) 11 Page - Honeywell Accelerometers

Part # BZ-2RS7225551-A2
Description  Basic Switches Standard
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

BZ-2RS7225551-A2 Datasheet(HTML) 11 Page - Honeywell Accelerometers

Back Button BZ-2RS7225551-A2 Datasheet HTML 7Page - Honeywell Accelerometers BZ-2RS7225551-A2 Datasheet HTML 8Page - Honeywell Accelerometers BZ-2RS7225551-A2 Datasheet HTML 9Page - Honeywell Accelerometers BZ-2RS7225551-A2 Datasheet HTML 10Page - Honeywell Accelerometers BZ-2RS7225551-A2 Datasheet HTML 11Page - Honeywell Accelerometers BZ-2RS7225551-A2 Datasheet HTML 12Page - Honeywell Accelerometers BZ-2RS7225551-A2 Datasheet HTML 13Page - Honeywell Accelerometers BZ-2RS7225551-A2 Datasheet HTML 14Page - Honeywell Accelerometers BZ-2RS7225551-A2 Datasheet HTML 15Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
56
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
GENERAL INFORMATION
SPECIAL CIRCUITRY SWITCHES
‘‘Special sequence’’ switches provide un-
usual circuit control. A make-before-
break switch provides circuit continuity
while switching from N.C. to N.O. In an-
other make-before-make switch, upon
actuation, one circuit is made an interval
before the second circuit. Another switch
provides a single pulse or momentary
closure of the contacts with each cycle of
operation.
Double break versions can interrupt grea-
ter inductive loads and feature shorting
bar construction. A split contact version
allows control of the two isolated circuits.
Characteristics: O.F. – Operating Force;
R.F. – Release Force; P.T. – Pretravel;
O.T. – Overtravel; D.T. – Differential Travel;
O.P. – Operating Position.
PIN PLUNGER
ORDER GUIDE
Electrical
Data and
O.F.
R.F. min. P.T. max. O.T. min.
D.T.
O.P.*
UL Codes
newtons
newtons
mm
mm
mm
mm
Catalog Listing
Recommended For
Page 46
ounces
ounces
inches
inches
inches
inches
BZ-2G-A2
Make-before-break
contact action
10 Amps
C
5,56
20 max.
2,22
8
0,76
.030
0,13
.005
0,38
.015
15,9
.625
Dim. Dwg. Fig 5
Unoperated
Intermediate
Fully
Intermediate
Fully
Operated
Release
Released
6BS1-B
Make-before-make
contact action
10 Amps
R
9,73
35 max.
2,78
10
Dim. Dwg. Fig. 6
*
±0,38 mm
± .015 in.
10BS210
Adjustable
differential travel
20 Amps
Y
3,10-5,56
11-20
2,78
10
0,25
.010 at
max.
setting
0,04-0,06
.0015-.0025
0,18
.007 at max.
setting
16,3
.64
Dim. Dwg. Fig. 4-A


Similar Part No. - BZ-2RS7225551-A2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZ-2R-P1 ETC2-BZ-2R-P1 Datasheet
50Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2R-P4 HONEYWELL-BZ-2R-P4 Datasheet
64Kb / 1P
   SWITCH-BASIC
BZ-2R-P4 HONEYWELL-BZ-2R-P4 Datasheet
942Kb / 7P
   Interactive Catalog Replaces Catalog Pages
BZ-2R15-P4 HONEYWELL-BZ-2R15-P4 Datasheet
942Kb / 7P
   Interactive Catalog Replaces Catalog Pages
logo
List of Unclassifed Man...
BZ-2RL711 ETC2-BZ-2RL711 Datasheet
45Kb / 1P
   SWITCH-BASIC
More results

Similar Description - BZ-2RS7225551-A2

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
US10D10A00 HONEYWELL-US10D10A00 Datasheet
3Mb / 94P
   Basic Switches
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
   Hermetically Sealed Premium Large Basic Switches
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com