Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6747 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6747
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
Download  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6747 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C6747 Datasheet HTML 1Page - Texas Instruments TMS320C6747 Datasheet HTML 2Page - Texas Instruments TMS320C6747 Datasheet HTML 3Page - Texas Instruments TMS320C6747 Datasheet HTML 4Page - Texas Instruments TMS320C6747 Datasheet HTML 5Page - Texas Instruments TMS320C6747 Datasheet HTML 6Page - Texas Instruments TMS320C6747 Datasheet HTML 7Page - Texas Instruments TMS320C6747 Datasheet HTML 8Page - Texas Instruments TMS320C6747 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
Check for Samples: TMS320C6745, TMS320C6747
1
TMS320C6745/6747 Fixed/Floating-Point Digital Signal Processor
1.1
Features
123
(EDMA3):
• Highlights
– 2 Transfer Controllers
– 375/456-MHz C674x VLIW DSP
– 32 Independent DMA Channels
– TMS320C674x Fixed/Floating-Point VLIW
DSP Core
– 8 Quick DMA Channels
– Enhanced Direct-Memory-Access Controller
– Programmable Transfer Burst Size
3 (EDMA3)
• TMS320C674x Fixed/Floating-Point VLIW DSP
– 128K-Byte RAM Shared Memory (C6747
Core
Only)
– Load-Store Architecture With Non-Aligned
– Two External Memory Interfaces
Support
– Three Configurable 16550 type UART
– 64 General-Purpose Registers (32 Bit)
Modules
– Six ALU (32-/40-Bit) Functional Units
– LCD Controller (C6747 Only)
Supports 32-Bit Integer, SP (IEEE Single
– Two Serial Peripheral Interfaces (SPI)
Precision/32-Bit) and DP (IEEE Double
Precision/64-Bit) Floating Point
– Multimedia Card (MMC)/Secure Digital (SD)
Supports up to Four SP Additions Per
– Two Master/Slave Inter-Integrated Circuit
Clock, Four DP Additions Every 2 Clocks
– One Host-Port Interface (HPI) (C6747 only)
Supports up to Two Floating Point (SP or
– USB 1.1 OHCI (Host) With Integrated PHY
DP) Reciprocal Approximation (RCPxP)
(USB1) (C6747 Only)
and Square-Root Reciprocal
• Applications
Approximation (RSQRxP) Operations Per
– Industrial Control
Cycle
– USB, Networking
– Two Multiply Functional Units
– High-Speed Encoding
Mixed-Precision IEEE Floating Point
– Professional Audio
Multiply Supported up to:
• Software Support
2 SP x SP -> SP Per Clock
– TI DSP/BIOS™
2 SP x SP -> DP Every Two Clocks
– Chip Support Library and DSP Library
2 SP x DP -> DP Every Three Clocks
• 375/456-MHz C674x VLIW DSP
2 DP x DP -> DP Every Four Clocks
• C674x Instruction Set Features
Fixed Point Multiply Supports Two 32 x
– Superset of the C67x+™ and C64x+™ ISAs
32-Bit Multiplies, Four 16 x 16-Bit
Multiplies, or Eight 8 x 8-Bit Multiplies per
– 3648/2736 C674x MIPS/MFLOPS
Clock Cycle, and Complex Multiples
– Byte-Addressable (8-/16-/32-/64-Bit Data)
– Instruction Packing Reduces Code Size
– 8-Bit Overflow Protection
– All Instructions Conditional
– Bit-Field Extract, Set, Clear
– Hardware Support for Modulo Loop
– Normalization, Saturation, Bit-Counting
Operation
– Compact 16-Bit Instructions
– Protected Mode Operation
• C674x Two Level Cache Memory Architecture
– Exceptions Support for Error Detection and
– 32K-Byte L1P Program RAM/Cache
Program Redirection
– 32K-Byte L1D Data RAM/Cache
• 128K-Byte RAM Shared Memory (C6747 Only)
– 256K-Byte L2 Unified Mapped RAM/Cache
• 3.3V LVCMOS IOs (except for USB interfaces)
– Flexible RAM/Cache Partition (L1 and L2)
• Two External Memory Interfaces:
• Enhanced Direct-Memory-Access Controller 3
– EMIFA
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DSP/BIOS, PowerPAD, TMS320C6000, C6000 are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2008–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TMS320C6747

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 209P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747 TI1-TMS320C6747 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6747

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6745 TI1-TMS320C6745_13 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6747CZKBD4 TI-TMS320C6747CZKBD4 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6745CPTPA3 TI-TMS320C6745CPTPA3 Datasheet
1Mb / 227P
[Old version datasheet]   TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6743 TI1-TMS320C6743 Datasheet
1Mb / 153P
[Old version datasheet]   TMS320C6743 Fixed/Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671_16 Datasheet
2Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com