Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26PCANN5G Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # 26PCANN5G
Description  Gage Unamplified Compensated Flow-Through
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

26PCANN5G Datasheet(HTML) 2 Page - Honeywell Accelerometers

  26PCANN5G Datasheet HTML 1Page - Honeywell Accelerometers 26PCANN5G Datasheet HTML 2Page - Honeywell Accelerometers 26PCANN5G Datasheet HTML 3Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pressure Sensors
26PC Series
Gage Unamplified Compensated Flow-Through
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
23
FEATURES
Measure positive and negative gage
pressures
Flow-through port design fits in-line
with application
Popular port sizes:
- 8 mm (.315 in.) OD (1/4 in. ID tubing or
standard connectors)
- 0.144 in. OD (1/8 in. ID tubing)
Medical grade ISO 10993-1 (USP Class
6) port material
Silicon sensor chip
24 inch wire harness with splash proof
connector
Minimal deadspace — efficient cleans-
ing and disinfecting
26PC SERIES PERFORMANCE CHARACTERISTICS at 10.0 ±0.01 VDC
Excitation, 25°C
Min.
Typ.
Max.
Units
Excitation
---
10
16
VDC
Repeatability & Hysteresis
---
±0.20
---
%Span
Response Time
---
---
1.0
msec
Input Resistance
5.5 K
7.5 K
11.5 K
ohms
Output Resistance
1.5 K
2.5 K
3.0 K
ohms
Stability over One Year
---
±0.5
---
%Span
Weight
---
2
---
grams
Total error calculation, see page 105.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
−40° to 85°C (−40° to +185°F)
Storage Temperature
−55° to +100°C (−67° to +212°F)
Compensated Temperature
0° to +50°C (32° to +122°F)
Shock
Qualification tested to 150 g
Vibration
MIL-STD-202. Method 213 (150g halfsine,
11 msec)
Media (P1 & P2)
Limited only to those media which will not attack
polyetherimide, silicon, fluorosilicone, silicone,
EPDM, and neoprene seals.
26PC SERIES ORDER GUIDE
Pressure
Over-
Catalog
Range
Linearity
Null Shift
Null Offset
Span Shift
Span
Sensitivity pressure
Listing
(psi)
(% span)
(mV)
(mV)
(% span)
(mV)
mV/psi
psi
Typ.
Max
Typ.
Max
Min.
Typ.
Max.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Max.
26PCA TYPE
1
0.25
0.5
±0.5 ±1.0 −1.5
0
+1.5 ±1.0 ±2.0
14.7
16.7
18.7
16.7
20
26PCB TYPE
5
0.4
0.5
±0.5 ±1.0 −1.5
0
+1.5 ±1.0 ±1.5
47
50
53
10.0
20
26PCC TYPE
15
0.25
0.5
±0.5 ±1.0 −1.5
0
+1.5 ±0.75 ±1.5
97
100
103
6.67
45
26PCD TYPE
30
0.1
0.2
±0.75 ±1.5 −1.5
0
+1.5 ±0.75 ±1.5
97
100
103
3.33
60
26PCF TYPE
100
0.1
0.2
±1.0 ±2.0 −2.0
0
+2.0 ±0.5 ±1.5
95
100
105
1.0
200
26PCJ TYPE
38*
0.1
0.5
±0.7 ±1.5 −1.5
0
+1.5 ±1.0 ±1.5
37.5
39.5
41.5
2.63
60
26PCK TYPE
38*
0.1
0.5
±0.7 ±1.5 −1.5
0
+1.5 ±1.0 ±1.5
37.5
39.5
41.5
2.63
60
*Accuracy specifications calculated at 15 psi.


Similar Part No. - 26PCANN5G

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCANA6D HONEYWELL-ACC-26PCANA6D Datasheet
183Kb / 1P
   26PC SERIES CHART 4
26PCANH6D HONEYWELL-ACC-26PCANH6D Datasheet
183Kb / 1P
   26PC SERIES CHART 4
26PCANJ6D HONEYWELL-ACC-26PCANJ6D Datasheet
183Kb / 1P
   26PC SERIES CHART 4
26PCANT6D HONEYWELL-ACC-26PCANT6D Datasheet
183Kb / 1P
   26PC SERIES CHART 4
More results

Similar Description - 26PCANN5G

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
17365 HONEYWELL-ACC-17365 Datasheet
290Kb / 5P
   Gage and Differential/Unamplified-Noncompensated
26PCCFB2G HONEYWELL-ACC-26PCCFB2G Datasheet
80Kb / 2P
   Pressure Sensors Gage and Differential/Unamplified
logo
Unisonic Technologies
UESD4CUSB30G-AF5-R UTC-UESD4CUSB30G-AF5-R Datasheet
133Kb / 4P
   Flow-Through Pin Mapping
logo
List of Unclassifed Man...
141PC01G ETC1-141PC01G Datasheet
515Kb / 4P
   Absolute, Differential, Gage, Vacuum Gage/Amplified
logo
Sensortechnics GmbH
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
logo
Samsung semiconductor
DS_K7M323625M SAMSUNG-DS_K7M323625M Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7M163635B SAMSUNG-K7M163635B Datasheet
394Kb / 19P
   512Kx36 & 1Mx18 Flow-Through NtRAM
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
Samsung semiconductor
K7M323635C SAMSUNG-K7M323635C Datasheet
391Kb / 19P
   1Mx36 & 2Mx18 Flow-Through NtRAM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com