Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA-2R24-A2 Datasheet(PDF) 4 Page - Honeywell Accelerometers

Part # BA-2R24-A2
Description  Basic Switches Standard
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

BA-2R24-A2 Datasheet(HTML) 4 Page - Honeywell Accelerometers

  BA-2R24-A2 Datasheet HTML 1Page - Honeywell Accelerometers BA-2R24-A2 Datasheet HTML 2Page - Honeywell Accelerometers BA-2R24-A2 Datasheet HTML 3Page - Honeywell Accelerometers BA-2R24-A2 Datasheet HTML 4Page - Honeywell Accelerometers BA-2R24-A2 Datasheet HTML 5Page - Honeywell Accelerometers BA-2R24-A2 Datasheet HTML 6Page - Honeywell Accelerometers BA-2R24-A2 Datasheet HTML 7Page - Honeywell Accelerometers BA-2R24-A2 Datasheet HTML 8Page - Honeywell Accelerometers BA-2R24-A2 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
49
Characteristics: O.F. — Operating Force; R.F. — Release Force; P.T.
— Pretravel; O.T. — Overtravel; D.T. — Differential Travel; O.P. —
Operating Position.
PIN PLUNGER
ORDER GUIDE by ascending electrical capability
Electrical
Data And
O.F.
R.F. min. P.T. max. O.T. min.
D.T.
O.P.**
Catalog
UL Codes
newtons
newtons
mm
mm
mm
mm
Listing
Recommended For
Page 46
ounces
ounces
inches
inches
inches
inches
BZ-2R72-A2
Applications requiring
gold alloy contacts
1 Amp
2,5-3,61
1,11
0,38
0,13
0,01-0,05
15,88
P
9-13
4
.015
.005
.0004-.0020
.625
BZ-2R725551-A2
Gold alloy contacts
Dustproof and splash
resistant seal
1 Amp
2,22-4,17
1,11
0,13
0,01-0,06
15,88
P
8-15
4
.005
.0004-.0025
.625
BZ-2R244-A2
Operating in temp. to
+400°F (204°C) for
100 hours
5 Amps
2,5-3,61
1,11
0,38
0,13
0,01-0,05
15,88
B
9-13
4
.015
.005
.0004-.0020
.625
BZ-R21-A2
Lower force
10 Amps
1,11
0,7
0,30
0,13
0,005-0,013
15,88
C
4
2.5
.012
.005
.0002-.0005
.625
BZ-2R-A2
Most applications
SPDT
15 Amps
2,5-3,61
1,11
0,38
0,13
0,01-0,05
15,88
A
9-13
4
.015
.005
.0004-.0020
.625
WZ-2R-A2
SPST (normally
closed)
15 Amps
2,5-3,61
1,11
0,38
0,13
0,01-0,05
15,88
A
9-13
4
.015
.005
.0004-.0020
.625
YZ-2R-A2
SPST (normally open)
15 Amps
2,5-3,61
1,11
0,38
0,13
0,01-0,05
15,88
A
9-13
4
.015
.005
.0004-.0020
.625
BZ-R-A2
Less differential travel
15 Amps
1,95-2,5
1,11
0,30
0,13
0,005-0,008
15,88
D
7-9
4
.012
.005
.0002-.0003
.625
BZ-R19-A2
Best repeatability
15 Amps
1,95-3,34
1,11
0,30
0,13-0,2
0,005-0,02
16,26
D
7-12
4
.012
.005-.008 .0002-.0008
.640
BZ-2R24-A2
Operating in temp. to
+250°F (121°C)
15 Amps
2,5-3,61
1,11
0,38
0,13
0,01-0,05
15,88
A
9-13
4
.015
.005
.0004-.0020
.625
BZ-2RT04
(8805/1-004)
MIL-S-8805 application
requirements
15 Amps
2,5-3,61
1,67
0,38
0,13
0,01-0,05
15,88
A
9-13
6
.015
.005
.0004-.0020
.625
BZ-2R05-A2
Best stability under
varying humidity
15 Amps
2,5-3,61
1,11
0,38
0,13
0,01-0,05
15,88
A
9-13
4
.015
.005
.0004-.0020
.625
BZ-2R5551-A2
Dustproof and splash
resistant seal
15 Amp
2,5-4,17
1,11
0,13
0,01-0,06
15,88
A
9-15
4
.005
.0004-.0025
.625
BZ-2R55-A2-S
Best service for sealed
construction. Stainless
steel internal snap
spring.
15 Amps
2,5-4,17
1,11
0,13
0,01-0,06
15,88
A
9-15
4
.005
.0004-.0025
.625
BA-2R-A2
Up to 20 ampere load
handling
20 Amps
3,89-6,12
2,78
1,27
0,25
0,05-0,19
16,26
G
14-22
10
.050
.010
.0020-.0075
.640
BA-2R24-A2
Operating in
temperature to
+250°F
(121
°C)
20 Amps
3,89-6,12
2,78
1,27
0,25
0,05-0,19
16,26
G
14-22
10
.050
.010
.0020-.0075
.640
BM-1R-A2
Up to 22 ampere load
handling
22 Amps
1,95-2,78
1,11
0,38
0,13
0,013-0,025
15,88
F
7-10
4
.015
.005
.0005-.0010
.625
BE-2R-A4
Up to 25 ampere load
handling
25 Amps
3,89-6,12
2,78
1,27
0,25
0,05-0,19
16,26
H
14-22
10
.050
.010
.0020-.0075
.640
BZ/BA TYPE
Dim. Dwg. Fig. 1
SEALED TYPE
Dim. Dwg. Fig. 2
BA/BE TYPE
Dim. Dwg. Fig. 3
BZ-RX
Manual reset
(maintained contact)
applications, solder
terminals
15 Amps
1,95-2,5
0,30
0,13
15,88
E
7-9
.012
.005
.625
0,56-2,78*
0,38*
2-10
.015
WA-1RX-A4
Manual reset SPST-
NC, A4 terminals
20 Amps
5,56
0,25
0,20
16,26
W
20
.010
.008
.64
6,95*
27,9*
25
1.10
Dim. Dwg. Fig. 4
* Reset characteristics.
Except where stated **
±0,38mm
±.015 in.
All catalog listings shown are not
necessarily stock items. Stocking
depends on sales experience.
Auxiliary actuators see p. 62-63.


Similar Part No. - BA-2R24-A2

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BA-2R2UW YSTONE-BA-2R2UW Datasheet
144Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
More results

Similar Description - BA-2R24-A2

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
US10D10A00 HONEYWELL-US10D10A00 Datasheet
3Mb / 94P
   Basic Switches
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
   Hermetically Sealed Premium Large Basic Switches
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com