Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP275 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP275
Description  0.5 C Digital Out Temperature Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP275 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP275 Datasheet HTML 4Page - Texas Instruments TMP275 Datasheet HTML 5Page - Texas Instruments TMP275 Datasheet HTML 6Page - Texas Instruments TMP275 Datasheet HTML 7Page - Texas Instruments TMP275 Datasheet HTML 8Page - Texas Instruments TMP275 Datasheet HTML 9Page - Texas Instruments TMP275 Datasheet HTML 10Page - Texas Instruments TMP275 Datasheet HTML 11Page - Texas Instruments TMP275 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TMP275
SBOS363D − JUNE 2006 − REVISED AUGUST 2007
www.ti.com
8
A2
A1
A0
SLAVE ADDRESS
0
0
0
1001000
0
0
1
1001001
0
1
0
1001010
0
1
1
1001011
1
0
0
1001100
1
0
1
1001101
1
1
0
1001110
1
1
1
1001111
Table 11. Address Pins and Slave Addresses for
the TMP275
BUS OVERVIEW
The device that initiates the transfer is called a master, and
the devices controlled by the master are slaves. The bus
must be controlled by a master device that generates the
serial clock (SCL), controls the bus access, and generates
the START and STOP conditions.
To address a specific device, a START condition is
initiated, indicated by pulling the data-line (SDA) from a
HIGH to LOW logic level while SCL is HIGH. All slaves on
the bus shift in the slave address byte, with the last bit
indicating whether a read or write operation is intended.
During the ninth clock pulse, the slave being addressed
responds to the master by generating an Acknowledge
and pulling SDA LOW.
Data transfer is then initiated and sent over eight clock
pulses followed by an Acknowledge Bit. During data
transfer SDA must remain stable while SCL is HIGH, as
any change in SDA while SCL is HIGH is interpreted as a
control signal.
Once all data has been transferred, the master generates
a STOP condition indicated by pulling SDA from LOW to
HIGH, while SCL is HIGH.
WRITING/READING TO THE TMP275
Accessing a particular register on the TMP275 is
accomplished by writing the appropriate value to the
Pointer Register. The value for the Pointer Register is the
first byte transferred after the slave address byte with the
R/W bit LOW. Every write operation to the TMP275
requires a value for the Pointer Register. (Refer to
Figure 5.)
When reading from the TMP275, the last value stored in
the Pointer Register by a write operation is used to
determine which register is read by a read operation. To
change the register pointer for a read operation, a new
value must be written to the Pointer Register. This is
accomplished by issuing a slave address byte with the
R/W bit LOW, followed by the Pointer Register Byte. No
additional data is required. The master can then generate
a START condition and send the slave address byte with
the R/W bit HIGH to initiate the read command. See
Figure 6 for details of this sequence. If repeated reads
from the same register are desired, it is not necessary to
continually send the Pointer Register bytes, as the
TMP275 remembers the Pointer Register value until it is
changed by the next write operation.
Note that register bytes are sent most-significant byte first,
followed by the least significant byte.
SLAVE MODE OPERATIONS
The TMP275 can operate as a slave receiver or slave
transmitter.
Slave Receiver Mode:
The first byte transmitted by the master is the slave
address, with the R/W bit LOW. The TMP275 then
acknowledges reception of a valid address. The next byte
transmitted by the master is the Pointer Register. The
TMP275 then acknowledges reception of the Pointer
Register byte. The next byte or bytes are written to the
register addressed by the Pointer Register. The TMP275
acknowledges reception of each data byte. The master
may terminate data transfer by generating a START or
STOP condition.
Slave Transmitter Mode:
The first byte is transmitted by the master and is the slave
address, with the R/W bit HIGH. The slave acknowledges
reception of a valid slave address. The next byte is
transmitted by the slave and is the most significant byte of
the register indicated by the Pointer Register. The master
acknowledges reception of the data byte. The next byte
transmitted by the slave is the least significant byte. The
master acknowledges reception of the data byte. The
master may terminate data transfer by generating a
Not-Acknowledge on reception of any data byte, or
generating a START or STOP condition.
SMBus ALERT FUNCTION
The TMP275 supports the SMBus Alert function. When
the TMP275 is operating in Interrupt Mode (TM = 1), the
ALERT pin of the TMP275 may be connected as an
SMBus Alert signal. When a master senses that an ALERT
condition is present on the ALERT line, the master sends
an SMBus Alert command (00011001) on the bus. If the
ALERT pin of the TMP275 is active, the device
acknowledges the SMBus Alert command and responds
by returning its slave address on the SDA line. The eighth
bit (LSB) of the slave address byte indicates if the
temperature exceeding THIGH or falling below TLOW
caused the ALERT condition. This bit will be HIGH if the
temperature is greater than or equal to THIGH. This bit will
be LOW if the temperature is less than TLOW. Refer to
Figure 7 for details of this sequence.
If multiple devices on the bus respond to the SMBus Alert
command, arbitration during the slave address portion of
the SMBus Alert command determines which device will
clear its ALERT status. If the TMP275 wins the arbitration,


Similar Part No. - TMP275

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
Texas Instruments
TMP275-Q1 TI1-TMP275-Q1 Datasheet
553Kb / 31P
[Old version datasheet]   Automotive Grade Temperature Sensor
logo
Burr-Brown (TI)
TMP275AIDGKR BURR-BROWN-TMP275AIDGKR Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
TMP275AIDGKRG4 BURR-BROWN-TMP275AIDGKRG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
TMP275AIDGKT BURR-BROWN-TMP275AIDGKT Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
More results

Similar Description - TMP275

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31725 MAXIM-MAX31725 Datasheet
1Mb / 15P
   ±0.5°C Local Temperature Sensor
Rev 0; 9/12
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
NXP Semiconductors
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
P3T1755 NXP-P3T1755 Datasheet
553Kb / 43P
   I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_V01 Datasheet
1Mb / 52P
   ±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
logo
Analog Devices
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com