Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP275 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP275
Description  0.5 C Digital Out Temperature Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP275 Datasheet(HTML) 4 Page - Texas Instruments

  TMP275 Datasheet HTML 1Page - Texas Instruments TMP275 Datasheet HTML 2Page - Texas Instruments TMP275 Datasheet HTML 3Page - Texas Instruments TMP275 Datasheet HTML 4Page - Texas Instruments TMP275 Datasheet HTML 5Page - Texas Instruments TMP275 Datasheet HTML 6Page - Texas Instruments TMP275 Datasheet HTML 7Page - Texas Instruments TMP275 Datasheet HTML 8Page - Texas Instruments TMP275 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TMP275
SBOS363D − JUNE 2006 − REVISED AUGUST 2007
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = +25°C and V+ = 5.0V, unless otherwise noted.
85
75
65
55
45
35
25
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
_C)
−55 −35 −15
5
25
45
65
85
105
125 130
Serial Bus Inactive
V+=5V
V+ = 2.7V
300
250
200
150
100
CONVERSION TIME vs TEMPERATURE
Temperature (
_C)
12−bit resolution.
−55 −35 −15
5
25
45
65
85
105
125 130
V+=5V
V+ = 2.7V
500
450
400
350
300
250
200
150
100
50
0
QUIESCENT CURRENT WITH
BUS ACTIVITY vs TEMPERATURE
Frequency (Hz)
1k
10k
100k
1M
10M
125
_C
25
_C
−55_C
Hs MODE
FAST MODE
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
−0.1
SHUTDOWN CURRENT vs TEMPERATURE
Temperature (
_C)
−55 −35 −15
5
25
45
65
85
105
125 130
TEMPERATURE ERROR vs TEMPERATURE
Temperature (
_C)
−55 −35 −15
5
25456585
105
125 130
0.500
0.375
0.250
0.125
0
−0.125
−0.250
−0.375
−0.500
Temperature Error (
_C)
TEMPERATURE ERROR AT 25
_C


Similar Part No. - TMP275

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
Texas Instruments
TMP275-Q1 TI1-TMP275-Q1 Datasheet
553Kb / 31P
[Old version datasheet]   Automotive Grade Temperature Sensor
logo
Burr-Brown (TI)
TMP275AIDGKR BURR-BROWN-TMP275AIDGKR Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
TMP275AIDGKRG4 BURR-BROWN-TMP275AIDGKRG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
TMP275AIDGKT BURR-BROWN-TMP275AIDGKT Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
More results

Similar Description - TMP275

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31725 MAXIM-MAX31725 Datasheet
1Mb / 15P
   ±0.5°C Local Temperature Sensor
Rev 0; 9/12
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
NXP Semiconductors
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
P3T1755 NXP-P3T1755 Datasheet
553Kb / 43P
   I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_V01 Datasheet
1Mb / 52P
   ±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
logo
Analog Devices
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com