Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APS00B Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # APS00B
Description  High Resolution Magnetic Angular Position Sensor IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

APS00B Datasheet(HTML) 3 Page - Honeywell Accelerometers

  APS00B Datasheet HTML 1Page - Honeywell Accelerometers APS00B Datasheet HTML 2Page - Honeywell Accelerometers APS00B Datasheet HTML 3Page - Honeywell Accelerometers APS00B Datasheet HTML 4Page - Honeywell Accelerometers APS00B Datasheet HTML 5Page - Honeywell Accelerometers APS00B Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Honeywell Sensing and Control
3
Figure 1. Detection of Relative Motion of a Magnet in Angular Displacement
The APS00B sensor can used to detect the relative motion of a magnet in
angular displacement.
Given a typical supply voltage of 5 V, each bridge will provide about 115 mV of
swing (±57.5 mV) on top of 2.5 V bias voltage. With +5 V applied to it, the
bridge performs a rail splitter function to create two near +2.5 V sources driven
apart by V as created by the magnetic field and the offset error voltage.
The bridge differential output voltages ( V) for the APS00B are:
VA = Vs S sin (2 θ) and VB = Vs S cos (2 θ) where:
Vs = Supply Voltage (V)
S = Material Constant = ( R/Rmax) *(1/2) = 11.5 mV/V nominal
θ = Reference to Magnetic Field Angle (°)
Please refer to Application Sheet
“How to Apply Honeywell APS00B Angular
Position Sensors ICs
” for additional details.
Figure 2. Electrical Diagram
Figure 3. Pinout and Sensing Element Location
The APS00B has two sensor bridges optimized for
rotary sensing applications. Thus the die is centered in
all three dimensions within the SOIC-8 package. The
figure below indicates the pin identification and the
sensing element location.
Bridge “A” output:
VoutA = Vs*S*sin(2θ) + VosA,
where:
S = 11.5 mV/V nominal
VosA = Bridge A Offset
(nominal = 0 V)
Bridge “B” output:
VoutB = Vs*S*cos(2θ) + VosB
where:
S = 11.5 mV/G nominal
VosB = Bridge B Offset
(nominal = 0 V)
Bridge A is centroidally co-located with Bridge B, and Bridge A
elements are rotated by 45° relative to Bridge B elements as
shown.
Figure 4. Typical Bridge Outputs vs Rotation Angle


Similar Part No. - APS00B

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
APS00B HONEYWELL-APS00B Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
More results

Similar Description - APS00B

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
APS00B HONEYWELL-APS00B Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
logo
Standex Electronics, In...
MFM7-APS180-LACD4 STANDEX-MFM7-APS180-LACD4 Datasheet
747Kb / 3P
   Angular Position Sensor
Rev ADB
MFM7-APS090-LACD4 STANDEX-MFM7-APS090-LACD4 Datasheet
747Kb / 3P
   Angular Position Sensor
Rev ADB
A63-APS360-LACB1E STANDEX-A63-APS360-LACB1E Datasheet
704Kb / 3P
   Angular Position Sensor
Rev ACA
MFM7-APS360-LACD4 STANDEX-MFM7-APS360-LACD4 Datasheet
752Kb / 3P
   Angular Position Sensor
Rev ADB
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
   Magnetic Rotary Encoder 14-bit Angular Position Sensor
logo
Allegro MicroSystems
A31316 ALLEGRO-A31316 Datasheet
3Mb / 61P
   3D Magnetic Position Sensor IC
Revision 2 November 29, 2022
logo
ams AG
AS5020 AMSCO-AS5020 Datasheet
338Kb / 11P
   6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
logo
Infineon Technologies A...
TLE5012 INFINEON-TLE5012_10 Datasheet
1Mb / 64P
   GMR-Based Angular Sensor for Rotor-Position Sensing
V 1.0, 2010-11
TLE5012 INFINEON-TLE5012 Datasheet
2Mb / 57P
   GMR-Based Angular Sensor for Rotor Position Sensing
V 0.46, 2009-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com