Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6AT6-T2 Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # 6AT6-T2
Description  Toggle Switch Assemblies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

6AT6-T2 Datasheet(HTML) 3 Page - Honeywell Accelerometers

  6AT6-T2 Datasheet HTML 1Page - Honeywell Accelerometers 6AT6-T2 Datasheet HTML 2Page - Honeywell Accelerometers 6AT6-T2 Datasheet HTML 3Page - Honeywell Accelerometers 6AT6-T2 Datasheet HTML 4Page - Honeywell Accelerometers 6AT6-T2 Datasheet HTML 5Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Manual Switches
AT Series
Toggle Switch Assemblies
132
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
13AT/23AT SERIES
Standard lever
Tab lever
Pull-to-unlock
lever
FEATURES
2 or 3-position, momentary and
maintained action.
2, 3 or 4 SPDT precision basic
switches.
Standard toggle, tab, or pull-to-unlock
levers.
Silver or gold contacts.
15
32-inch bushing.
UL recognized, CSA certified basic
switches.
Lever-to-bushing seal option.
ELECTRICAL RATINGS — Basic Switches
30 VDC Rating
Amps
UL/CSA Rating
Load
Sea Level
50,000 ft.
Silver
5 amps,
Inductive
3
2.5
Contacts
125-250 VAC
Resistive
5
5
Max. Inrush
24
24
Gold
1 amp,
Inductive
0.5
0.5
Contacts
125 VAC
Resistive
1
1
Max. Inrush
2
2
PULL-TO-UNLOCK TOGGLE
LEVERS
As a guard against accidental operation,
pull-to-unlock toggle levers must be
pulled .090 inch/2, 3 mm (approx.) to
change positions. A chart showing the 13
locking configurations and their catalog
listing suffix code letters is shown on next
page.
2-POSITION ORDER GUIDES
Pull-To-Unlock Lever
Toggle Lever Position
Standard Lever
Tab Lever
Solder Terminals
Opposite
No. of
Type
Solder
‘‘T’’
‘‘T2’’
‘‘T2’’
(Add locking letter 1
Keyway
Keyway
Poles
Contacts
Terminals
Terminals
Terminals
Terminals
to cat. listings below)
Maint.
Maint.
2
Silver
23AT1
23AT1-T
23AT1-T2
23AT402-T2 23AT1-
Locking letters:
D, F, or G
Gold
23AT11
23AT11-T2
23AT11-
3
Silver
23AT2
23AT2-T
23AT2-T2
23AT2-
Gold
23AT12
23AT12-T2
23AT12-
4
Silver
23AT3
23AT3-T
23AT3-T2
23AT3-
Gold
23AT8
Mom.
Maint.
2
Silver
23AT4
23AT4-T
23AT4-T2
23AT403-T2
Gold
23AT19
3
Silver
23AT5
Gold
4
Silver
23AT6
23AT6-T2
Gold
1 See locking chart on next page.
MIL-S-8805/26 Versions
Toggle Lever Position
Standard Lever
Tab Lever
‘‘T2’’ Terminals
‘‘T2’’ Terminals
Opposite
No. of
Type
Keyway
Keyway
Poles
Contacts
Catalog Listing
Military No.
Catalog Listing
Military No.
Maint.
Maint.
2
Silver
23AT73-T2
M8805/26-001
23AT473-T2
M8805/26-003
4
Silver
23AT74-T2
M8805/26-002
23AT474-T2
M8805/26-004


Similar Description - 6AT6-T2

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
   SWITCH - TOGGLE
logo
CW Industries
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
   TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
   TOGGLE SWITCH
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
   TOGGLE SWITCH
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
   SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
   SWITCH - TOGGLE
logo
List of Unclassifed Man...
14TL1-1A ETC2-14TL1-1A Datasheet
128Kb / 1P
   SWITCH-TOGGLE
logo
Tyco Electronics
4-1437558-8 MACOM-4-1437558-8 Datasheet
487Kb / 3P
   TOGGLE SWITCH
logo
Honeywell Accelerometer...
2TL1-2 HONEYWELL-ACC-2TL1-2 Datasheet
195Kb / 2P
   SWITCH - TOGGLE
logo
Honeywell Solid State E...
31NT91-3 HONEYWELL-31NT91-3 Datasheet
118Kb / 1P
   SWITCH - TOGGLE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com