Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6AT13-T2 Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # 6AT13-T2
Description  Toggle Switch Assemblies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

6AT13-T2 Datasheet(HTML) 2 Page - Honeywell Accelerometers

  6AT13-T2 Datasheet HTML 1Page - Honeywell Accelerometers 6AT13-T2 Datasheet HTML 2Page - Honeywell Accelerometers 6AT13-T2 Datasheet HTML 3Page - Honeywell Accelerometers 6AT13-T2 Datasheet HTML 4Page - Honeywell Accelerometers 6AT13-T2 Datasheet HTML 5Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Manual Switches
AT Series
Toggle Switch Assemblies
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
131
6AT SERIES
FEATURES
2-position, momentary and
maintained action.
1, 2 or 3 SPDT precision basic
switches.
Short behind-panel depth.
Choice of 14 or 1532-inch bushings.
Silver or gold contacts.
UL recognized, CSA certified basic
switches.
ELECTRICAL RATINGS — Basic Switches
30 VDC Rating
Amps
UL/CSA Rating
Load
Sea Level
50,000 ft.
Silver
5 amps,
Inductive
3
2.5
Contacts
125-250 VAC
Resistive
5
5
Max. Inrush
24
24
Gold
1 amp,
Inductive
0.5
0.5
Contacts
125 VAC
Resistive
1
1
Max. Inrush
2
2
2-POSITION ORDER GUIDE
Toggle Lever Position
Number
Mounting
Opposite
of
Types
Solder
‘‘T’’
‘‘T2’’
Style
Keyway
Keyway
Poles
Contacts
Terminals
Terminals
Terminals
1
4 Bushing
Maint.
Maint.
1
Silver
6AT2
6AT2-T
6AT2-T2
With Key Tab
6AT68-T*
6AT68-T2*
Gold
6AT23
6AT23-T2
2
Silver
6AT3
6AT3-T
6AT3-T2
Gold
6AT13-T
6AT13-T2
3
Silver
6AT501
6AT501-T
1
4 Bushing
Maint.
Maint.
1
Silver
6AT1
6AT1-T
6AT1-T2
Without Key Tab
Gold
6AT56-T2
2
Silver
6AT4
6AT4-T2
1
4 Bushing
Maint.
Maint.
1
Silver
6AT201-T
With Key Washer
2
Gold
6AT231-T2
15
32 Bushing
Maint.
Maint.
1
Silver
6AT6
6AT6-T
6AT6-T2
With Key Washer
Gold
6AT17
6AT17-T2
2
Silver
6AT7
6AT7-T
Gold
6AT42
6AT42-T2
3
Silver
6AT10
6AT10-T
6AT10-T2
Gold
6AT18
6AT18-T2
* Extra long toggle lever (.67 /17,0 mm).


Similar Description - 6AT13-T2

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
   SWITCH - TOGGLE
logo
CW Industries
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
   TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
   TOGGLE SWITCH
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
   TOGGLE SWITCH
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
   SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
   SWITCH - TOGGLE
logo
List of Unclassifed Man...
14TL1-1A ETC2-14TL1-1A Datasheet
128Kb / 1P
   SWITCH-TOGGLE
logo
Tyco Electronics
4-1437558-8 MACOM-4-1437558-8 Datasheet
487Kb / 3P
   TOGGLE SWITCH
logo
Honeywell Accelerometer...
2TL1-2 HONEYWELL-ACC-2TL1-2 Datasheet
195Kb / 2P
   SWITCH - TOGGLE
logo
Honeywell Solid State E...
31NT91-3 HONEYWELL-31NT91-3 Datasheet
118Kb / 1P
   SWITCH - TOGGLE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com