Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC3578IPWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC3578IPWRG4
Description  5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3578IPWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TLC3578IPWRG4 Datasheet HTML 1Page - Texas Instruments TLC3578IPWRG4 Datasheet HTML 2Page - Texas Instruments TLC3578IPWRG4 Datasheet HTML 3Page - Texas Instruments TLC3578IPWRG4 Datasheet HTML 4Page - Texas Instruments TLC3578IPWRG4 Datasheet HTML 5Page - Texas Instruments TLC3578IPWRG4 Datasheet HTML 6Page - Texas Instruments TLC3578IPWRG4 Datasheet HTML 7Page - Texas Instruments TLC3578IPWRG4 Datasheet HTML 8Page - Texas Instruments TLC3578IPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
3
WWW.TI.COM
equivalent input circuit
Equivalent Digital Input Circuit
Digital Input
VDD
3.94 k
6.6 k
9.9 k
Bipolar Signal Scaling
1.5 k
Ron
MUX
C(sample)= 30 pF
REFP
REFM
Ain
Diode Turn on Voltage: 35 V
Equivalent Analog Input Circuit
Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
TLC3574
TLC2574
TLC3578
TLC2578
I/O
DESCRIPTION
A0
A1
A2
A3
A0
A1
A2
A3
A4
A5
A6
A7
9
10
11
12
9
10
11
12
13
14
15
16
I
Analog signal inputs. Analog input signals applied to these terminals are internally multiplexed. The
driving source impedance should be less than or equal to 25
Ω for normal sampling. For larger
source impedance, use the external hardware conversion start signal CSTART (the low time of
CSTART controls the sampling period) or reduce the frequency of SCLK to increase the sampling
time.
AGND
14, 18
18, 22
I
Analog ground return for the internal circuitry. Unless otherwise noted, all analog voltage
measurements are with respect to AGND.
AVDD
13, 19
17, 23
I
Analog supply voltage
COMP
17
21
I
Internal compensation pin. Install compensation capacitors 0.1
µF between this pin and AGND.
CS
8
8
I
Chip select. When CS is high, SDO is in high-impedance state, SDI is ignored, and SCLK is
disabled to clock data, but works as conversion clock source if programmed. The falling edge of
CS input resets the internal 4-bit counter, enables SDI and SCLK, and removes SDO from
high-impedance state.
If FS is high at CS falling edge, CS falling edge initiates the operation cycle. CS works as slave
select (SS) to provide an SPI interface.
If FS is low at CS falling edge, FS rising edge initiates the operation cycle. CS can be used as chip
select to allow host to access the individual converter.
CSTART
20
24
I
External sampling trigger signal, which initiates the sampling from a selected analog input channel
when the device works in extended sampling mode (asynchronous sampling). A high-to-low
transition starts the sampling of the analog input signal. A low-to-high transition puts the S/H in hold
mode and starts the conversion. The low time of the CSTART signal controls the sampling period.
CSTART signal must stay low long enough for proper sampling. CSTART must stay high long
enough after the low-to-high transition for the conversion to finish maturely. The activation of
CSTART is independent of SCLK and the level of CS and FS. However, the first CSTART cannot
be issued before the rising edge of the eleventh SCLK. Tie this pin to DVDD if not used.
DGND
6
6
I
Digital ground return for the internal circuitry
DVDD
7
7
I
Digital supply voltage


Similar Part No. - TLC3578IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3578IPWRG4 TI1-TLC3578IPWRG4 Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC3578IPWRG4 TI1-TLC3578IPWRG4 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
More results

Similar Description - TLC3578IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2574 TI-TLC2574 Datasheet
706Kb / 39P
[Old version datasheet]   5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3574IDW TI-TLC3574IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544 TI-TLC3544_07 Datasheet
926Kb / 42P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC2578IDW TI1-TLC2578IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com