Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12SM604-T Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # 12SM604-T
Description  Basic Switches Subminiature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

12SM604-T Datasheet(HTML) 2 Page - Honeywell Accelerometers

  12SM604-T Datasheet HTML 1Page - Honeywell Accelerometers 12SM604-T Datasheet HTML 2Page - Honeywell Accelerometers 12SM604-T Datasheet HTML 3Page - Honeywell Accelerometers 12SM604-T Datasheet HTML 4Page - Honeywell Accelerometers 12SM604-T Datasheet HTML 5Page - Honeywell Accelerometers 12SM604-T Datasheet HTML 6Page - Honeywell Accelerometers 12SM604-T Datasheet HTML 7Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Basic Switches
SM Series
Subminiature
26
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
CUT-A-WAY SM SUBMINIATURE BASIC SWITCH
AVAILABLE TERMINALS
Various terminals are available for most
listings. These include: the T and T2 for
wrap-around soldering of leadwires; sol-
der terminals for solder connections; H58
terminals and H4 series terminals provide
easy quick-connect installation; H2 type,
round wire wrap or PC terminals; H6 rect-
angular wire wrap terminals are also avail-
able. Other quick-connect terminals of
the Series H types are available. Contact
the 800 number for ordering information.
GENERAL INFORMATION
SM subminiature switches are slightly
larger than the SX switches. These
switches combine small size and light
weight with ample electrical capacity, pre-
cision operation and long life. Unless oth-
erwise noted, all listings have silver con-
tacts.
T
SOLDER
T2
H4
H58
H2
Mates with Amp Inc. Part
No. 640024-1 Std.
Dimensions shown are for reference only
FEATURES
Low operating force to 2 ounces
maximum
Sensitive differential travel as low as
.001 inch (0,025 mm) maximum
Power load switching capability
available to 11 amps (VAC) – silver
contacts
Motor load handling capacity to 1/4
hp (VAC)
Optional gold contacts for low energy
applications
Optional bifurcated gold contacts for
maximum reliability
Long mechanical life
– 11SM Series
10,000,000
operations
– 1SM/41SM Series
80,000
operations
– Bifurcated contacts
1,000,000
operations
All at 95% survival
Standard temperature range
−65° to
+185°F(−54 to 85°C)
High temperature construction
available for use to
+400°F (204°C)
for 100 hours
Variety of integral and auxiliary
actuators
Choice of several terminal styles
Military Standard construction
available with three listings on the
MIL-S-8805 qualified products list
UL recognized File #E12252, CSA
certified File #LR41372
Mounting Torque:
2.3 inch pounds max.
This section covers only 38 of our most popular SM Series catalog listings. If you don’t find what you’re looking for, it’s
likely one of the approximately 500 other active SM listings will meet your needs. Contact the 800 number.


Similar Part No. - 12SM604-T

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
12SM604-T HONEYWELL-ACC-12SM604-T Datasheet
335Kb / 7P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
12SM604-T HONEYWELL-12SM604-T Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
12SM604-T HONEYWELL-ACC-12SM604-T Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
12SM604-T HONEYWELL-ACC-12SM604-T Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
12SM604-T HONEYWELL-ACC-12SM604-T Datasheet
263Kb / 8P
   Interactive Catalog Replaces Catalog Pages
More results

Similar Description - 12SM604-T

ManufacturerPart #DatasheetDescription
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
logo
Honeywell Solid State E...
US10D10A00 HONEYWELL-US10D10A00 Datasheet
3Mb / 94P
   Basic Switches
logo
Omron Electronics LLC
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com