Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1451INSR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL1451INSR
Description  SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1451INSR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL1451INSR Datasheet HTML 5Page - Texas Instruments TL1451INSR Datasheet HTML 6Page - Texas Instruments TL1451INSR Datasheet HTML 7Page - Texas Instruments TL1451INSR Datasheet HTML 8Page - Texas Instruments TL1451INSR Datasheet HTML 9Page - Texas Instruments TL1451INSR Datasheet HTML 10Page - Texas Instruments TL1451INSR Datasheet HTML 11Page - Texas Instruments TL1451INSR Datasheet HTML 12Page - Texas Instruments TL1451INSR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
9
www.ti.com
total device
PARAMETER
TEST CONDITIONS
TL1451AQ, TL1451AM
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Standby supply current
Off-state
1.3
1.8
mA
Average supply current
RT = 10 kΩ
1.7
2.4
mA
† All typical values are at TA = 25°C unless otherwise indicated.
PARAMETER MEASUREMENT INFORMATION
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
S1
CPE
0.47
µF
Test
Input
VCC = 5 V
RL
4.7 k
4.7 k
RL
OUT1
OUT2
CT
330 pF
RT
10 k
Test
Input
TL1451A
Figure 1. Test Circuit
Dead Time 100%
tpe†
2.0 V
1.6 V
1.4 V
1.25 V
H
L
H
L
0.6 V
0 V
H
L
3.6 V
0 V
Oscillator Triangle Waveform
Error Amplifier Output
Dead-Time Input Voltage
Short-Circuit Protection
Comparator Input Voltage
PWM Comparator Output Voltage
Output Transistor Collector
Waveform
Protection Enable
Terminal Waveform
Short-Circuit Protection
Comparator Output
Power Supply Voltage
† Protection Enable Time, tpe = (0.051 x 106 x Cpe) in seconds
2.8 V TYP
Figure 2. TL1451A Timing Diagram


Similar Part No. - TL1451INSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1451INSR TI-TL1451INSR Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL1451INSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com