Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SX48-T Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # 1SX48-T
Description  Basic Switches Subminiature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

1SX48-T Datasheet(HTML) 6 Page - Honeywell Accelerometers

  1SX48-T Datasheet HTML 1Page - Honeywell Accelerometers 1SX48-T Datasheet HTML 2Page - Honeywell Accelerometers 1SX48-T Datasheet HTML 3Page - Honeywell Accelerometers 1SX48-T Datasheet HTML 4Page - Honeywell Accelerometers 1SX48-T Datasheet HTML 5Page - Honeywell Accelerometers 1SX48-T Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Basic Switches
SX Series
Subminiature
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
25
MOUNTING DIMENSIONS (for reference only)
PIN PLUNGER
INTEGRAL LEVERS
Dim. ‘‘A’’
311SX1-T
3,6/.14
311SX2-T
13,0/.51
Fig. 1
Fig. 2
Fig. 3
INTEGRAL LEVERS
Interchangeable with 1SX-1T switch with
JX-25 actuator.
Fig. 4
Fig. 5
Fig. 6
AUXILIARY ACTUATORS
Fig. 7
Fig. 8
Fig. 9
Fig. 10
Switches are not included with actuator.
Mounting holes accept pins or screws of
.087 diameter (2,21 mm).


Similar Part No. - 1SX48-T

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
1SX0 HORNBY-1SX0 Datasheet
270Kb / 3P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Honeywell Solid State E...
1SX1-T HONEYWELL-1SX1-T Datasheet
55Kb / 1P
   SWITCH - BASIC
More results

Similar Description - 1SX48-T

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
logo
Honeywell Solid State E...
US10D10A00 HONEYWELL-US10D10A00 Datasheet
3Mb / 94P
   Basic Switches
logo
Omron Electronics LLC
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com