Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBF4392 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # MMBF4392
Description  N-Channel Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBF4392 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button MMBF4392 Datasheet HTML 2Page - Fairchild Semiconductor MMBF4392 Datasheet HTML 3Page - Fairchild Semiconductor MMBF4392 Datasheet HTML 4Page - Fairchild Semiconductor MMBF4392 Datasheet HTML 5Page - Fairchild Semiconductor MMBF4392 Datasheet HTML 6Page - Fairchild Semiconductor MMBF4392 Datasheet HTML 7Page - Fairchild Semiconductor MMBF4392 Datasheet HTML 8Page - Fairchild Semiconductor MMBF4392 Datasheet HTML 9Page - Fairchild Semiconductor MMBF4392 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SOT-23 Packaging
Configuration: Figure 1.0
Components
Leader Tape
500mm minimum or
125 empty pockets
Trailer Tape
300mm minimum or
75 empt y poc kets
SOT-23 Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
PackagingOption
SOT-23 PackagingInformation
Standard
(no flow code)
D87Z
Packagingtype
Reel Size
TNR
7" Dia
TNR
13"
Qty per Reel/Tube/Bag
3,000
10,000
Box Dimension (mm)
187x107x183
343x343x64
Max qty per Box
24,000
30,000
Weight per unit (gm)
0.0082
0.0082
Weight per Reel (kg)
0.1175
0.4006
H uman readable
Label
Human Readable Label
Human Readable Label sample
343mm x 342mm x 64mm
Intermediate box for L87Z Option
187mm x 107mm x 183mm
Intermediate Box for Standard Option
SOT-23 Unit Orientation
3P
3P
3P
3P
Human Readable
Label
Customized Label
Embossed
Carrier Tape
Antistatic Cover Tape
Packaging Description:
SOT-23
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
3,000 units per 7" or 177cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 10,000 units per 13"
or 330cm diameter reel. This and some other options are
described in the Packaging Information table.
These full reels are individually labeled and placed inside
a standard intermediate made of recyclable corrugated
brown paper with a Fairchil d logo printing. One pizza box
contains eight reels maximum. And these intermediate
boxes are placed inside a labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
parts are shipped in tape. The carrier tape is
SOT-23 Tape and Reel Data
September 1999, Rev. C
©2000 Fairchild Semiconductor International


Similar Part No. - MMBF4392

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF4392L MOTOROLA-MMBF4392L Datasheet
139Kb / 6P
   JFET Switching Transistors
logo
ON Semiconductor
MMBF4392L ONSEMI-MMBF4392L Datasheet
90Kb / 6P
   JFET Switching Transistors
September, 2004 ??Rev. 4
MMBF4392L ONSEMI-MMBF4392L Datasheet
180Kb / 6P
   JFET Switching Transistors
October, 2016 ??Rev. 12
logo
Motorola, Inc
MMBF4392LT1 MOTOROLA-MMBF4392LT1 Datasheet
139Kb / 6P
   JFET Switching Transistors
logo
ON Semiconductor
MMBF4392LT1 ONSEMI-MMBF4392LT1 Datasheet
90Kb / 6P
   JFET Switching Transistors
September, 2004 ??Rev. 4
More results

Similar Description - MMBF4392

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
   N-Channel Switch
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com