Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11SX1-T Datasheet(PDF) 5 Page - Honeywell Accelerometers

Part # 11SX1-T
Description  Basic Switches Subminiature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

11SX1-T Datasheet(HTML) 5 Page - Honeywell Accelerometers

  11SX1-T Datasheet HTML 1Page - Honeywell Accelerometers 11SX1-T Datasheet HTML 2Page - Honeywell Accelerometers 11SX1-T Datasheet HTML 3Page - Honeywell Accelerometers 11SX1-T Datasheet HTML 4Page - Honeywell Accelerometers 11SX1-T Datasheet HTML 5Page - Honeywell Accelerometers 11SX1-T Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Basic Switches
SX
Subminiature
24
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
Characteristics: O.F. – Operating Force; R.F. – Release Force; P.T. –
Pretravel; O.T. – Overtravel; D.T. – Differential Travel; O.P. – Operating
Position; F.P. – Free Position.
*All characteristics are taken with actuator assembled on Catalog Listing 1SX1-T as shown.
ORDER GUIDE
AUXILIARY
ACTUATORS
Switches are not
included with
actuators.
Actuator
Length
‘‘A’’
O.F. max. R.F. min.
P.T.
O.T.
D.T. max.
O.P.††
F.P.
Catalog
mm
newtons newtons
mm
mm
mm
mm
mm
Listing
Description
inches
ounces
ounces
inches
inches
inches
inches
inches
JX-20
Straight lever
18.3
0,28
0,04
0,76
0,76
10,8
12,3
.72
1
.14
.030
.030
.425
.485
approx.
approx.
approx.
approx.
approx.
JX-219
Straight lever
18,3
0,28
0,04
0,76
0,76
10,8
12,3
(For higher temp.)
.72
1
.14
.030
.030
.425
.485
approx.
approx.
approx.
approx.
Dim. Dwg. Fig. 7
JX-25
Roller lever
16,5
0,42
0,04
0,51
0,76
14,9
1,14
168
.65
1.5
1.4
.020
.030
.585
.045
.660
max.
JX-220
Roller lever
16,5
0,42
0,04
0,51
0,76
14,9
1,14
16,8
(For higher temp.)
.65
1.5
.14
.020
.030
.585
.045
.660
max.
Dim. Dwg. Fig. 8
JX-40
Straight leaf
9,4
1,95
0,56
.225
0,38
0,64
7,5
12,3
.37†
7
2
approx.
.015
.025
.295
.485
ref.
JX-95
Straight leaf
9,4
1,95
0,56
.225
0,38
0,64
7,5
12,3
(For higher temp.)
.37†
7
2
approx.
.015
.025
.295
.485
ref.
JX-41**
Reverse leaf
9,4
1,67
0,28
.110
0,38
0,64
7,5
9,4
.37†
6
1
approx.
.015
.025
.295
.370
ref.
Dim. Dwg. Fig. 9
JX-45
Roller leaf
6,1
1,95
0,28
.225
0,38
0,64
12,2
16,5
.24†
7
1
approx.
.015
.025
.480
.650
ref.
JX-96
Roller leaf
6,1
1,95
0,28
.225
0,38
0,64
12,2
16,5
(For higher temp.)
.24†
7
1
approx.
.015
.025
.480
.650
ref.
JX-51**
Reverse roller leaf
7,6
1,67
0,56
.110
0,38
0,64
12,8
14,7
.30†
6
2
approx.
.015
.025
.505
.580
ref.
Dim. Dwg. Fig. 9
JX-4
Tandem leaf
7,9
4,17
0,83
.065
0,20
0,76
7,6
9,40
.31
15
3
approx.
.008
.030
.300
.370
ref.
Dim. Dwg. Fig. 10
**Switch is mounted with plunger end reversed
from JX-40.
†‘‘A’’ measurement is from center of mounting
hole nearest tip of lever to the point indicated on
drawing.
NOTE: Above actuators should be used at tem-
peratures below
+300°F (149°C); except listings
JX-95, JX-96, JX-219 and JX-220 are for use with
the 4SX1-T to 400
°F. (204°C).
Except where stated ††
±0,76 mm
±.030 in.


Similar Part No. - 11SX1-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11SC01 ETC1-11SC01 Datasheet
495Kb / 6P
   11AK03
11SD01 ETC1-11SD01 Datasheet
495Kb / 6P
   11AK03
logo
C&K Components
11SL-40201 CK-COMPONENTS-11SL-40201 Datasheet
1Mb / 4P
   Sealed Interlock Door Switches
8 Dec 21
11SL-40203 CK-COMPONENTS-11SL-40203 Datasheet
1Mb / 4P
   Sealed Interlock Door Switches
8 Dec 21
11SL-40206 CK-COMPONENTS-11SL-40206 Datasheet
1Mb / 4P
   Sealed Interlock Door Switches
8 Dec 21
More results

Similar Description - 11SX1-T

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
logo
Honeywell Solid State E...
US10D10A00 HONEYWELL-US10D10A00 Datasheet
3Mb / 94P
   Basic Switches
logo
Omron Electronics LLC
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com