Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1DP801 Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # 1DP801
Description  Snap-in Panel Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

1DP801 Datasheet(HTML) 2 Page - Honeywell Accelerometers

  1DP801 Datasheet HTML 1Page - Honeywell Accelerometers 1DP801 Datasheet HTML 2Page - Honeywell Accelerometers 1DP801 Datasheet HTML 3Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Basic Switches
DM/DP Series
Snap-in Panel Mount
90
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
Momentary Action
Alternate Action
Push-Pull
Pull-to-Cheat
Bullet nose plunger
(SPDT shown)
Bullet nose plunger
(DPDT shown)
Finger grip plunger
(DPDT shown)
Finger grip plunger
with flat tip (SPDT shown)
Finger grip plunger with
spherical tip (DPDT
shown)
FEATURES
Attractive, rugged snap-in panel mount
design — easy installation
Choice of momentary, alternate push-
pull and pull-to-cheat operation
Quick-connect terminals
Expected mechanical life: 1 million op-
erations, 95% survival
Temperature range:
−35° to +180°F
(
−37° to 82°C)
UL recognized file #E22779, CSA certi-
fied file #LR4442
DM electrical rating — UL and CSA rating:
10 amps, 1/2 HP, 125, 250 or 277 VAC
DP electrical rating — UL standard 508,
14 amps 3/4 hp, 125, 250 VAC; Pilot Duty:
150 V A – 125, 250 VAC; 16 amps, 125,
250, 277 VAC, 3/4 hp, 125, 250 VAC; Pilot
Duty: 150VA– 125,250VAC.
NOTE: Refer to MICRO SWITCH Cata-
log 30 for DM switches with snap-on
pushbuttons.
MOMENTARY ACTION
Momentary action switches are available
in a choice of concave, convex, or bullet
nose plunger styles.
Convex
plunger
Concave
plunger
ALTERNATE ACTION
These switches have push-on, push-off
operation. The alternate action is at two
levels, with the maintained On position of
the plunger at a lower level than the nor-
mal Off.
PUSH-PULL
When plunger is depressed, it remains
down and maintains circuit transfer.
Switch contacts return to the previous po-
sition when the plunger is pulled to the ex-
tended position.
PULL-TO-CHEAT
Pull-to-cheat operates normally as a mo-
mentary action switch. However, by pull-
ing the plunger beyond the normal free
position, a maintained On position is
achieved.
POSSIBLE VARIATIONS
In addition to the standard quick-connect
.188 x .020 (4,78 x 0,51 mm) terminals,
angled forms and .250 x .032 (6,35 x 0,81
mm) terminals can be provided. DM plun-
gers and faceplates are available in any
combination of white, black, gray, or red.
MOUNTING DIMENSIONS
Dimensions shown are for reference only.
2DM
1DM/1DP
Panel Hole Detail
Panel Hole Detail


Similar Description - 1DP801

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL318-1R12-2 P-TEC-PL318-1R12-2_14 Datasheet
30Kb / 1P
   Snap-In Panel Mount Indicator
PL31814-1R12 P-TEC-PL31814-1R12_14 Datasheet
30Kb / 1P
   Snap-In Panel Mount Indicator
PL31814-1R12-2 P-TEC-PL31814-1R12-2_14 Datasheet
31Kb / 1P
   Snap-In Panel Mount Indicator
PL31814-1R21-2 P-TEC-PL31814-1R21-2_14 Datasheet
31Kb / 1P
   Snap-In Panel Mount Indicator
PL31814-1G13 P-TEC-PL31814-1G13_14 Datasheet
30Kb / 1P
   Snap-In Panel Mount Indicator
PL318-1GY1301-2 P-TEC-PL318-1GY1301-2 Datasheet
31Kb / 1P
   Snap-In Panel Mount Indicator
PL318-1G13 P-TEC-PL318-1G13_14 Datasheet
30Kb / 1P
   Snap-In Panel Mount Indicator
PL31814-1RG1213-2 P-TEC-PL31814-1RG1213-2_14 Datasheet
31Kb / 1P
   Snap-In Panel Mount Indicator
PL31814-1R24 P-TEC-PL31814-1R24_14 Datasheet
30Kb / 1P
   Snap-In Panel Mount Indicator
PL31814-1R24-2 P-TEC-PL31814-1R24-2_14 Datasheet
30Kb / 1P
   Snap-In Panel Mount Indicator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com