Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75161BDWG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75161BDWG4
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75161BDWG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75161BDWG4 Datasheet HTML 4Page - Texas Instruments SN75161BDWG4 Datasheet HTML 5Page - Texas Instruments SN75161BDWG4 Datasheet HTML 6Page - Texas Instruments SN75161BDWG4 Datasheet HTML 7Page - Texas Instruments SN75161BDWG4 Datasheet HTML 8Page - Texas Instruments SN75161BDWG4 Datasheet HTML 9Page - Texas Instruments SN75161BDWG4 Datasheet HTML 10Page - Texas Instruments SN75161BDWG4 Datasheet HTML 11Page - Texas Instruments SN75161BDWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SN75161B, SN75162B
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SLLS005B – OCTOBER 1980 – REVISED MAY 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, CL = 15 pF, TA = 25°C (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time,
low- to high-level output
Terminal
Bus
CL = 30 pF,
14
20
ns
tPHL
Propagation delay time,
high- to low-level output
Terminal
Bus
L
See Figure 1
14
20
ns
tPLH
Propagation delay time,
low- to high-level output
Terminal
Bus
(SRQ, NDAC,
NRFD)
CL = 30 pF,
See Figure 1
29
35
ns
tPLH
Propagation delay time,
low- to high-level output
Bus
Terminal
CL = 30 pF,
10
20
ns
tPHL
Propagation delay time,
high- to low-level output
Bus
Terminal
L
See Figure 2
15
22
ns
tPZH
Output enable time to high level
Bus (ATN
60
tPHZ
Output disable time from high level
TE,DC,
or
Bus (ATN,
EOI, REN,
See Figure 3
45
ns
tPZL
Output enable time to low level
or
SC
,,
IFC, and
DAV)
See Figure 3
60
ns
tPLZ
Output disable time from low level
SC
DAV)
55
tPZH
Output enable time to high level
55
tPHZ
Output disable time from high level
TE,DC,
or
Terminal
See Figure 4
50
ns
tPZL
Output enable time to low level
or
SC
Terminal
See Figure 4
45
ns
tPLZ
Output disable time from low level
SC
55


Similar Part No. - SN75161BDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75161BDW TI-SN75161BDW Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN75161BDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75160A RENESAS-HD75160A Datasheet
162Kb / 13P
   Octal General Purpose Interface Bus Transceivers
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com