Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR33BX104AKYS Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # CDR33BX104AKYS
Description  RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CDR33BX104AKYS Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  CDR33BX104AKYS Datasheet HTML 1Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 2Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 3Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 4Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 5Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 6Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 7Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 8Page - Freescale Semiconductor, Inc CDR33BX104AKYS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MRF6VP2600HR6
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
ηD
Gps
VDD =50 Vdc,IDQ = 2600 mA
f = 225 MHz
Pulse Width = 100 μsec
Duty Cycle = 20%
50
1
1000
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 4. Capacitance versus Drain--Source Voltage
30
Ciss
100
10
40
Coss
Crss
Measured with ±30 mV(rms)ac @ 1 MHz
VGS =0 Vdc
1
100
110
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 5. DC Safe Operating Area
100
26.5
10
0
80
100
25.5
24.5
23.5
70
60
50
40
30
Pout, OUTPUT POWER (WATTS) PULSED
Figure 6. Pulsed Power Gain and Drain Efficiency
versus Output Power
25
24
22.5
1000
20
52
64
27
62
Pin, INPUT POWER (dBm)
Figure 7. Pulsed CW Output Power versus
Input Power
60
38
26
58
31
32
33
34
35
36
37
P3dB = 59.7 dBm (938 W)
Actual
Ideal
P2dB = 59.1 dBm (827 W)
21
26
0
25
24
Pout, OUTPUT POWER (WATTS) PULSED
Figure 8. Pulsed Power Gain versus
Output Power
100
23
600
700
Figure 9. Pulsed Power Gain and Drain Efficiency
versus Output Power
Pout, OUTPUT POWER (WATTS) PULSED
21
28
10
25
27
26
100
1000
VDD =50 Vdc,IDQ = 2600 mA, f = 225 MHz
Pulse Width = 12 μsec, Duty Cycle = 1%
VDD =50 Vdc
IDQ = 2600 mA
f = 225 MHz
Pulse Width = 100 μsec
Duty Cycle = 20%
56
54
29
30
28
P1dB = 53.3 dBm (670 W)
22
200
300
400
500
VDD =30 V
35 V
40 V
45 V
50 V
ηD
25_C
TC =--30_C
85_C
Gps
22
24
23
VDD =50 Vdc,IDQ = 2600 mA
f = 225 MHz
Pulse Width = 100 μsec
Duty Cycle = 20%
TC =25_C
TJ = 150_C
TJ = 175_C
10
80
50
70
60
20
40
30
23
10
Note: Each side of device measured separately.
Note: Each side of device measured separately.
TJ = 200_C


Similar Part No. - CDR33BX104AKYS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
CDR33BX104AKYS FREESCALE-CDR33BX104AKYS Datasheet
748Kb / 11P
   RF Power Field Effect Transistor
CDR33BX104AKYS FREESCALE-CDR33BX104AKYS Datasheet
1Mb / 18P
   RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
CDR33BX104AKYS FREESCALE-CDR33BX104AKYS Datasheet
1Mb / 19P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
CDR33BX104AKYS FREESCALE-CDR33BX104AKYS Datasheet
1Mb / 19P
   RF Power Field Effect Transistors
logo
NXP Semiconductors
CDR33BX104AKYS NXP-CDR33BX104AKYS Datasheet
1Mb / 19P
   RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
More results

Similar Description - CDR33BX104AKYS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com