Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33903BS5EKR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCZ33903BS5EKR2
Description  SBC Gen2 with CAN High Speed and LIN Interface
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33903BS5EKR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCZ33903BS5EKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33903BS5EKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33903BS5EKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33903BS5EKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33903BS5EKR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33903BS5EKR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33903BS5EKR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33903BS5EKR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCZ33903BS5EKR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33903/4/5
PIN CONNECTIONS
PIN CONNECTIONS
Figure 11. 33905D, MC33905S, MC33904 and MC33903 Pin Connections
4
5
6
7
8
9
10
11
12
2
3
54
51
50
49
48
47
46
45
44
43
53
52
1
13
14
15
16
42
41
40
39
MC33905D
17
18
19
20
21
22
23
24
25
26
27
38
37
36
35
34
33
32
31
30
29
28
TXD-L2
GND
RXD-L2
LIN-2
MISO
SCLK
MOSI
VSENSE
CS
VDD
TXD
VE
VB
I/O-1
RXD-L1
TXD-L1
LIN-1
INT
RST
RXD
SAFE
5V-CAN
CANL
SPLIT
DBG
CANH
VSUP2
MUX-OUT
V-AUX
V-CAUX
V-BAUX
VSUP1
LIN-T1/I/O-2
GND CAN
LIN-T2/I/O-3
I/O-0
GND
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
4
5
6
7
8
9
10
11
12
2
3
32
29
28
27
26
25
24
23
22
21
31
30
1
13
14
15
16
20
19
18
17
MC33904
MISO
SCLK
MOSI
VSENSE
CS
VDD
TXD
SAFE
5V-CAN
CANL
SPLIT
DBG
CANH
VSUP2
VE
VB
I/O-1
NC
NC
NC
MUX-OUT
V-AUX
V-CAUX
V-BAUX
VSUP1
I/O-2
GND CAN
INT
RST
I/O-3
RXD
I/O-0
4
5
6
7
8
9
10
11
12
2
3
32
29
28
27
26
25
24
23
22
21
31
30
1
13
14
15
16
20
19
18
17
MC33905S
MISO
SCLK
MOSI
VSENSE
CS
VDD
TXD
SAFE
5V-CAN
CANL
SPLIT
DBG
CANH
VSUP2
VE
VB
I/O-1
RXD-L
TXD-L
LIN
MUX-OUT
V-AUX
V-CAUX
V-BAUX
VSUP1
LIN-T/I/O-2
GND CAN
INT
RST
I/O-3
RXD
I/O-0
GROUND
GROUND
4
5
6
7
8
9
10
11
12
2
3
32
29
28
27
26
25
24
23
22
21
31
30
1
13
14
15
16
20
19
18
17
MC33903
MISO
SCLK
MOSI
CS
VDD
TXD
SAFE
5V-CAN
CANL
SPLIT
DBG
CANH
NC
NC
NC
NC
VSUP1
GND CAN
INT
RST
RXD
I/O-0
GROUND
NC
NC
NC
NC
VSUP2
NC
NC
NC
NC
NC
Note: MC33905D, MC33905S, MC33904 and MC33903 are footprint compatible,
GROUND
32 pin exposed package
GND - LEAD FRAME
32 pin exposed package
GND - LEAD FRAME
32 pin exposed package
GND - LEAD FRAME
54 pin exposed package
GND - LEAD FRAME


Similar Part No. - MCZ33903BS5EKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33903BS5EK FREESCALE-MCZ33903BS5EK Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903BS5EK-R2 FREESCALE-MCZ33903BS5EK-R2 Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903BS5EK/R2 FREESCALE-MCZ33903BS5EK/R2 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MCZ33903BS5EK/R2 NXP-MCZ33903BS5EK/R2 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
More results

Similar Description - MCZ33903BS5EKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
33903 FREESCALE-33903 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com