Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDZ22B Datasheet(PDF) 2 Page - Rohm

Part # KDZ22B
Description  Voltage regulation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KDZ22B Datasheet(HTML) 2 Page - Rohm

  KDZ22B Datasheet HTML 1Page - Rohm KDZ22B Datasheet HTML 2Page - Rohm KDZ22B Datasheet HTML 3Page - Rohm KDZ22B Datasheet HTML 4Page - Rohm KDZ22B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KDZ30B
Diodes
Rev.F
2/4
Electrical characteristics (Ta=25 C)
Marking (TYPE NO.)
KDZ
3.6B
KDZ
12B
KDZ
3.9B
KDZ
13B
KDZ
4.3B
KDZ
15B
KDZ
4.7B
KDZ
16B
KDZ
5.1B
KDZ
18B
KDZ
5.6B
KDZ
20B
KDZ
6.2B
KDZ
22B
KDZ
6.8B
KDZ
24B
KDZ
7.5B
KDZ
27B
KDZ
8.2B
KDZ
30B
KDZ
9.1B
KDZ
33B
KDZ
10B
KDZ
36B
KDZ
11B
TYPE
MIN.
MAX.
Iz(mA)
MAX.
VR(V)
KDZ 3.6B
3.600
3.813
4.000
40
60
1.0
KDZ 3.9B
3.900
4.136
4.400
40
40
1.0
KDZ 4.3B
4.300
4.572
4.800
40
20
1.0
KDZ 4.7B
4.700
4.924
5.200
40
20
1.0
KDZ 5.1B
5.100
5.368
5.700
40
20
1.0
KDZ 5.6B
5.600
5.856
6.300
40
20
1.5
KDZ 6.2B
6.200
6.509
7.000
40
20
3.0
KDZ 6.8B
6.800
7.280
7.700
40
20
3.5
KDZ 7.5B
7.500
7.889
8.400
40
20
4.0
KDZ 8.2B
8.200
8.655
9.300
40
20
5.0
KDZ 9.1B
9.100
9.747
10.200
40
20
6.0
KDZ 10B
10.000
10.310
11.200
40
10
7.0
KDZ 11B
11.000
11.510
12.300
20
10
8.0
KDZ 12B
12.000
12.500
13.500
20
10
9.0
KDZ 13B
13.300
13.820
15.000
20
10
10.0
KDZ 15B
14.700
15.350
16.500
20
10
11.0
KDZ 16B
16.200
16.860
18.300
20
10
12.0
KDZ 18B
18.000
19.000
20.300
20
10
13.0
KDZ 20B
20.000
20.820
22.400
20
10
15.0
KDZ 22B
22.000
23.850
24.500
10
10
17.0
KDZ 24B
24.000
25.310
27.600
10
10
19.0
KDZ 27B
27.000
28.700
30.800
10
10
21.0
KDZ 30B
30.000
31.570
34.000
10
10
23.0
KDZ 33B
33.000
34.950
37.000
10
10
25.0
KDZ 36B
36.000
39.240
40.000
10
10
27.0
The Zener voltage (Vz) is measured 40ms after power is supplied.
TYP.
Symbol
Zener voltage Vz(V)
Reverse current IR(
)


Similar Part No. - KDZ22B

ManufacturerPart #DatasheetDescription
logo
Rohm
KDZ22B ROHM-KDZ22B Datasheet
135Kb / 5P
   Zener diode
KDZ22B ROHM-KDZ22B Datasheet
116Kb / 5P
   Zener diode
KDZ22B ROHM-KDZ22B Datasheet
412Kb / 7P
   KDZ series
KDZ22B ROHM-KDZ22B Datasheet
116Kb / 5P
   Zener diode
KDZ22B ROHM-KDZ22B Datasheet
116Kb / 5P
   Zener diode
More results

Similar Description - KDZ22B

ManufacturerPart #DatasheetDescription
logo
Rohm
VDZT2R10B ROHM-VDZT2R10B Datasheet
138Kb / 6P
   Voltage regulation
KDZTR16B ROHM-KDZTR16B Datasheet
413Kb / 7P
   Voltage regulation
KDZTR7-5B ROHM-KDZTR7-5B Datasheet
117Kb / 5P
   Voltage regulation
PTZTE255.6B ROHM-PTZTE255.6B Datasheet
154Kb / 5P
   Voltage regulation
PTZTE2512A ROHM-PTZTE2512A Datasheet
444Kb / 11P
   Voltage regulation
KDZTR11B ROHM-KDZTR11B Datasheet
399Kb / 7P
   Voltage regulation
logo
Seiko Instruments Inc
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
   VOLTAGE REGULATION
logo
Rohm
PTZTE2516B ROHM-PTZTE2516B Datasheet
154Kb / 5P
   Voltage regulation
UDZSTE-173.0B ROHM-UDZSTE-173.0B Datasheet
158Kb / 2P
   Voltage Regulation
VDZT2R12B ROHM-VDZT2R12B Datasheet
142Kb / 5P
   Voltage regulation
UMZ27NT106 ROHM-UMZ27NT106 Datasheet
136Kb / 3P
   Voltage regulation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com