Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBF4118 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MMBF4118
Description  N-Channel Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBF4118 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMBF4118 Datasheet HTML 1Page - Fairchild Semiconductor MMBF4118 Datasheet HTML 2Page - Fairchild Semiconductor MMBF4118 Datasheet HTML 3Page - Fairchild Semiconductor MMBF4118 Datasheet HTML 4Page - Fairchild Semiconductor MMBF4118 Datasheet HTML 5Page - Fairchild Semiconductor MMBF4118 Datasheet HTML 6Page - Fairchild Semiconductor MMBF4118 Datasheet HTML 7Page - Fairchild Semiconductor MMBF4118 Datasheet HTML 8Page - Fairchild Semiconductor MMBF4118 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
ON CHARACTERISTICS
IDSS
Zero-Gate Voltage Drain Current*
VDS = 10 V, VGS = 0
PN4117
PN4118
PN4119
30
80
200
90
240
600
µA
µA
µA
SMALL-SIGNAL CHARACTERISTICS
*Pulse Test: Pulse Width £ 300 ms, Duty Cycle £ 1.0%
V(BR)GSS
Gate-Source Breakdown Voltage
IG = 1.0
µA, V
DS = 0
- 40
V
IGSS
Gate Reverse Current
VGS = 20 V, VDS = 0
VGS = 20 V, VDS = 0, TA = 150
°C
- 10
- 25
pA
nA
VGS(off)
Gate-Source Cutoff Voltage
VDS = 10 V, ID = 1.0 nA
PN4117
PN4118
PN4119
- 0.6
- 1.0
- 2.0
- 1.8
- 3.0
- 6.0
V
V
V
gfs
Common-Source Forward
Transconductance
VDS = 10 V VGS = 0, f= 1.0 kHz
PN4117
PN4118
PN4119
70
80
100
210
250
330
µmhos
µmhos
µmhos
goss
Common-Source Output Conductance
VDS = 10 V VGS = 0, f= 1.0 kHz
PN4117
PN4118
PN4119
3.0
5.0
10
µmhos
µmhos
µmhos
Re(yfs)
Common-Source Forwad
Transconductance
VDS = 10 V, VGS = 0, f= 30 MHz
PN4117
PN4118
PN4119
60
70
90
µmhos
µmhos
µmhos
Ciss
Input Capacitance
VDS = 10 V, VGS = 0, f= 1.0 kHz
3.0
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V, VGS = 0, f= 1.0 MHz,
1.5
pF
N-Channel Switch
(continued)


Similar Part No. - MMBF4118

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBF4118 FAIRCHILD-MMBF4118 Datasheet
129Kb / 5P
   N-Channel Switch
More results

Similar Description - MMBF4118

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
   N-Channel Switch
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com