Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8402STT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV8402STT1G
Description  Self-Protected Low Side Driver with Temperature and Current Limit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8402STT1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV8402STT1G Datasheet HTML 2Page - ON Semiconductor NCV8402STT1G Datasheet HTML 3Page - ON Semiconductor NCV8402STT1G Datasheet HTML 4Page - ON Semiconductor NCV8402STT1G Datasheet HTML 5Page - ON Semiconductor NCV8402STT1G Datasheet HTML 6Page - ON Semiconductor NCV8402STT1G Datasheet HTML 7Page - ON Semiconductor NCV8402STT1G Datasheet HTML 8Page - ON Semiconductor NCV8402STT1G Datasheet HTML 9Page - ON Semiconductor NCV8402STT1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NCV8402, NCV8402A
http://onsemi.com
6
TYPICAL PERFORMANCE CURVES
0.6
0.7
0.8
0.9
1
1.1
1.2
−40 −20
0
20
40
60
80
100 120 140
Figure 14. Normalized Threshold Voltage vs.
Temperature
T (°C)
ID = 150 mA
VGS = VDS
0.5
0.6
0.7
0.8
0.9
1
1.1
12
3
4
5
678
9
10
Figure 15. Source−Drain Diode Forward
Characteristics
IS (A)
25°C
100°C
150°C
−40°C
VGS = 0 V
0
50
100
150
200
34
56
7
8
9
10
td(off)
td(on)
tf
tr
Figure 16. Resistive Load Switching Time vs.
Gate−Source Voltage
VGS (V)
ID = 2.5 A
VDD = 12 V
RG = 0 W
0
0.2
0.4
0.6
0.8
1
34
5
6
78
9
10
Figure 17. Resistive Load Switching
Drain−Source Voltage Slope vs. Gate−Source
Voltage
VGS (V)
ID = 2.5 A
VDD = 12 V
RG = 0 W
−dVDS/dt(on)
dVDS/dt(off)
0
25
50
75
100
0
400
800
1200
1600
2000
Figure 18. Resistive Load Switching Time vs.
Gate Resistance
RG (W)
tf, (VGS = 10 V)
tf, (VGS = 5 V)
td(off), (VGS = 10 V)
tr, (VGS = 5 V)
td(off), (VGS = 5 V)
tr, (VGS = 10 V)
td(on), (VGS = 5 V)
td(on), (VGS = 10 V)
ID = 2.5 A
VDD = 12 V
0
0.2
0.4
0.6
0.8
1
0
500
1000
1500
2000
dVDS/dt(off), VGS = 5 V
−dVDS/dt(on), VGS = 10 V
−dVDS/dt(on), VGS = 5 V
dVDS/dt(off), VGS = 10 V
Figure 19. Drain−Source Voltage Slope during
Turn On and Turn Off vs. Gate Resistance
RG (W)
ID = 2.5 A
VDD = 12 V


Similar Part No. - NCV8402STT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8402STT1G ONSEMI-NCV8402STT1G Datasheet
158Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2009 ??Rev. 6
NCV8402STT1G ONSEMI-NCV8402STT1G Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
More results

Similar Description - NCV8402STT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8405 ONSEMI-NCV8405 Datasheet
164Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
December, 2009 ??Rev. P0
NCV8406ASTT1G ONSEMI-NCV8406ASTT1G Datasheet
147Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 2
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8401 ONSEMI-NCV8401 Datasheet
156Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
February, 2010 ??Rev. 7
NCV8402 ONSEMI-NCV8402 Datasheet
158Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2009 ??Rev. 6
NCV8401 ONSEMI-NCV8401_12 Datasheet
134Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2012 ??Rev. 10
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8401A ONSEMI-NCV8401A_V01 Datasheet
189Kb / 11P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2017 - Rev. 13
NCV8408-D ONSEMI-NCV8408-D Datasheet
117Kb / 7P
   Self-Protected Low Side Driver with Temperature and Current Limit
December, 2012 ??Rev. 0
NCV8408 ONSEMI-NCV8408 Datasheet
160Kb / 9P
   Self-Protected Low Side Driver with Temperature and Current Limit
March, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com