Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB75N06HD Datasheet(PDF) 10 Page - Motorola, Inc

Part # MTB75N06HD
Description  TMOS POWER FET 75 AMPERES 60 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB75N06HD Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MTB75N06HD Datasheet HTML 4Page - Motorola, Inc MTB75N06HD Datasheet HTML 5Page - Motorola, Inc MTB75N06HD Datasheet HTML 6Page - Motorola, Inc MTB75N06HD Datasheet HTML 7Page - Motorola, Inc MTB75N06HD Datasheet HTML 8Page - Motorola, Inc MTB75N06HD Datasheet HTML 9Page - Motorola, Inc MTB75N06HD Datasheet HTML 10Page - Motorola, Inc MTB75N06HD Datasheet HTML 11Page - Motorola, Inc MTB75N06HD Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MTB75N06HD
10
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control
settings that will give the desired heat pattern. The operator
must set temperatures for several heating zones, and a figure
for belt speed. Taken together, these control settings make up
a heating “profile” for that particular circuit board. On
machines controlled by a computer, the computer remembers
these profiles from one operating session to the next. Figure
19 shows a typical heating profile for use when soldering a
surface mount device to a printed circuit board. This profile will
vary among soldering systems but it is a good starting point.
Factors that can affect the profile include the type of soldering
system in use, density and types of components on the board,
type of solder used, and the type of board or substrate material
being used. This profile shows temperature versus time. The
line on the graph shows the actual temperature that might be
experienced on the surface of a test board at or near a central
solder joint. The two profiles are based on a high density and
a low density board. The Vitronics SMD310 convection/in-
frared reflow soldering system was used to generate this
profile. The type of solder used was 62/36/2 Tin Lead Silver
with a melting point between 177 –189
°C. When this type of
furnace is used for solder reflow work, the circuit boards and
solder joints tend to heat first. The components on the board
are then heated by conduction. The circuit board, because it
has a large surface area, absorbs the thermal energy more
efficiently, then distributes this energy to the components.
Because of this effect, the main body of a component may be
up to 30 degrees cooler than the adjacent solder joints.
STEP 1
PREHEAT
ZONE 1
“RAMP”
STEP 2
VENT
“SOAK”
STEP 3
HEATING
ZONES 2 & 5
“RAMP”
STEP 4
HEATING
ZONES 3 & 6
“SOAK”
STEP 5
HEATING
ZONES 4 & 7
“SPIKE”
STEP 6
VENT
STEP 7
COOLING
200
°C
150
°C
100
°C
50
°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205
° TO 219°C
PEAK AT
SOLDER JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
100
°C
150
°C
160
°C
170
°C
140
°C
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES
Figure 19. Typical Solder Heating Profile


Similar Part No. - MTB75N06HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB75N06HD ONSEMI-MTB75N06HD Datasheet
287Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev.xxx
MTB75N06HDT4 ONSEMI-MTB75N06HDT4 Datasheet
287Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev.xxx
More results

Similar Description - MTB75N06HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
MTB75N05HD MOTOROLA-MTB75N05HD Datasheet
254Kb / 8P
   TMOS POWER FET 75 AMPERES 50 VOLTS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS
MTB52N06VL MOTOROLA-MTB52N06VL Datasheet
200Kb / 10P
   TMOS POWER FET 52 AMPERES 60 VOLTS
MTB52N06V MOTOROLA-MTB52N06V Datasheet
198Kb / 10P
   TMOS POWER FET 52 AMPERES 60 VOLTS
MTB23P06V MOTOROLA-MTB23P06V Datasheet
249Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB30P06V MOTOROLA-MTB30P06V Datasheet
247Kb / 10P
   TMOS POWER FET 30 AMPERES 60 VOLTS
MTB50N06V MOTOROLA-MTB50N06V Datasheet
289Kb / 10P
   TMOS POWER FET 42 AMPERES 60 VOLTS
MTB55N06Z MOTOROLA-MTB55N06Z Datasheet
146Kb / 6P
   TMOS POWER FET 55 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com