Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8402 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8402
Description  Self-Protected Low Side Driver with Temperature and Current Limit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8402 Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8402 Datasheet HTML 1Page - ON Semiconductor NCV8402 Datasheet HTML 2Page - ON Semiconductor NCV8402 Datasheet HTML 3Page - ON Semiconductor NCV8402 Datasheet HTML 4Page - ON Semiconductor NCV8402 Datasheet HTML 5Page - ON Semiconductor NCV8402 Datasheet HTML 6Page - ON Semiconductor NCV8402 Datasheet HTML 7Page - ON Semiconductor NCV8402 Datasheet HTML 8Page - ON Semiconductor NCV8402 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCV8402, NCV8402A
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Test Condition
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(Note 3)
VGS = 0 V, ID = 10 mA, TJ = 25°C
V(BR)DSS
42
46
55
V
VGS = 0 V, ID = 10 mA, TJ = 150°C
(Note 5)
40
45
55
Zero Gate Voltage Drain Current
VGS = 0 V, VDS = 32 V, TJ = 25°C
IDSS
0.25
4.0
mA
VGS = 0 V, VDS = 32 V, TJ = 150°C
(Note 5)
1.1
20
Gate Input Current
VDS = 0 V, VGS = 5.0 V
IGSSF
50
100
mA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS = VDS, ID = 150 mA
VGS(th)
1.3
1.8
2.2
V
Gate Threshold Temperature Coefficient
VGS(th)/TJ
4.0
−mV/°C
Static Drain−to−Source On−Resistance
VGS = 10 V, ID = 1.7 A, TJ = 25°C
RDS(on)
165
200
mW
VGS = 10 V, ID = 1.7 A, TJ = 150°C
(Note 5)
305
400
VGS = 5.0 V, ID = 1.7 A, TJ = 25°C
195
230
VGS = 5.0 V, ID = 1.7 A, TJ = 150°C
(Note 5)
360
460
VGS = 5.0 V, ID = 0.5 A, TJ = 25°C
190
230
VGS = 5.0 V, ID = 0.5 A, TJ = 150°C
(Note 5)
350
460
Source−Drain Forward On Voltage
VGS = 0 V, IS = 7.0 A
VSD
1.0
V
SWITCHING CHARACTERISTICS (Note 5)
Turn−ON Time (10% VIN to 90% ID)
VGS = 10 V, VDD = 12 V
ID = 2.5 A, RL = 4.7 W
tON
25
ms
Turn−OFF Time (90% VIN to 10% ID)
tOFF
120
Slew−Rate ON (70% VDS to 50% VDS)
VGS = 10 V, VDD = 12 V,
RL = 4.7 W
−dVDS/dtON
0.8
V/ms
Slew−Rate OFF (50% VDS to 70% VDS)
dVDS/dtOFF
0.3
SELF PROTECTION CHARACTERISTICS (TJ = 25°C unless otherwise noted) (Note 4)
Current Limit
VDS = 10 V, VGS = 5.0 V, TJ = 25°C
ILIM
3.7
4.3
5.0
A
VDS = 10 V, VGS = 5.0 V, TJ = 150°C
(Note 5)
2.3
3.0
3.7
VDS = 10 V, VGS = 10 V, TJ = 25°C
4.2
4.8
5.4
VDS = 10 V, VGS = 10 V, TJ = 150°C
(Note 5)
2.7
3.6
4.5
Temperature Limit (Turn−off)
VGS = 5.0 V (Note 5)
TLIM(off)
150
175
200
°C
Thermal Hysteresis
VGS = 5.0 V
DTLIM(on)
15
Temperature Limit (Turn−off)
VGS = 10 V (Note 5)
TLIM(off)
150
165
185
Thermal Hysteresis
VGS = 10 V
DTLIM(on)
15
GATE INPUT CHARACTERISTICS (Note 5)
Device ON Gate Input Current
VGS = 5 V ID = 1.0 A
IGON
50
mA
VGS = 10 V ID = 1.0 A
400
Current Limit Gate Input Current
VGS = 5 V, VDS = 10 V
IGCL
0.05
mA
VGS = 10 V, VDS = 10 V
0.4
Thermal Limit Fault Gate Input Current
VGS = 5 V, VDS = 10 V
IGTL
0.15
mA
VGS = 10 V, VDS = 10 V
0.7
ESD ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) (Note 5)
Electro−Static Discharge Capability
Human Body Model (HBM)
ESD
4000
V
Machine Model (MM)
400
3. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
4. Fault conditions are viewed as beyond the normal operating range of the part.
5. Not subject to production testing.


Similar Part No. - NCV8402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8402 ONSEMI-NCV8402 Datasheet
158Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2009 ??Rev. 6
NCV8402 ONSEMI-NCV8402 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8402AD ONSEMI-NCV8402AD Datasheet
124Kb / 10P
   Dual Self-Protected Low-Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 1
NCV8402ADDR2G ONSEMI-NCV8402ADDR2G Datasheet
95Kb / 11P
   Dual Self-Protected Low-Side Driver
July, 2016 ??Rev. 3
NCV8402AMNT2G ONSEMI-NCV8402AMNT2G Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
More results

Similar Description - NCV8402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8405 ONSEMI-NCV8405 Datasheet
164Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
December, 2009 ??Rev. P0
NCV8406ASTT1G ONSEMI-NCV8406ASTT1G Datasheet
147Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 2
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8401 ONSEMI-NCV8401 Datasheet
156Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
February, 2010 ??Rev. 7
NCV8402 ONSEMI-NCV8402 Datasheet
158Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2009 ??Rev. 6
NCV8401 ONSEMI-NCV8401_12 Datasheet
134Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2012 ??Rev. 10
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8401A ONSEMI-NCV8401A_V01 Datasheet
189Kb / 11P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2017 - Rev. 13
NCV8408-D ONSEMI-NCV8408-D Datasheet
117Kb / 7P
   Self-Protected Low Side Driver with Temperature and Current Limit
December, 2012 ??Rev. 0
NCV8408 ONSEMI-NCV8408 Datasheet
160Kb / 9P
   Self-Protected Low Side Driver with Temperature and Current Limit
March, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com