Electronic Components Datasheet Search |
|
NM24C16ULVN Datasheet(PDF) 5 Page - Fairchild Semiconductor |
|
NM24C16ULVN Datasheet(HTML) 5 Page - Fairchild Semiconductor |
5 / 13 page 5 www.fairchildsemi.com NM24C16U/17U Rev. B.1 AC Conditions of Test Input Pulse Levels V CC x 0.1 to VCC x 0.9 Input Rise and Fall Times 10 ns Input & Output Timing Levels V CC x 0.5 Output Load 1 TTL Gate and CL = 100 pF Read and Write Cycle Limits (Standard and Low V CC Range 2.7V - 5.5V) Symbol Parameter 100 KHz 400 KHz Units Min Max Min Max fSCL SCL Clock Frequency 100 400 KHz T I Noise Suppression Time Constant at SCL, SDA Inputs (Minimum V IN 100 50 ns Pulse width) t AA SCL Low to SDA Data Out Valid 0.3 3.5 0.1 0.9 µs tBUF Time the Bus Must Be Free before 4.7 1.3 µs a New Transmission Can Start tHD:STA Start Condition Hold Time 4.0 0.6 µs t LOW Clock Low Period 4.7 1.5 µs tHIGH Clock High Period 4.0 0.6 µs t SU:STA Start Condition Setup Time 4.7 0.6 µs (for a Repeated Start Condition) t HD:DAT Data in Hold Time 0 0 µs t SU:DAT Data in Setup Time 250 100 ns tR SDA and SCL Rise Time 1 0.3 µs t F SDA and SCL Fall Time 300 300 ns tSU:STO Stop Condition Setup Time 4.7 0.6 µs t DH Data Out Hold Time 300 50 ns tWR Write Cycle Time - NM24C16U/17U 10 10 ms (Note 3) - NM24C16U/17UL, NM24C16U/17ULZ 15 15 Note 3: The write cycle time (t WR) is the time from a valid stop condition of a write sequence to the end of the internal erase/program cycle. During the write cycle, the NM24C16U/17U bus interface circuits are disabled, SDA is allowed to remain high per the bus-level pull-up resistor, and the device does not respond to its slave address. |
Similar Part No. - NM24C16ULVN |
|
Similar Description - NM24C16ULVN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |