Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3330ART-2.85 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3330ART-2.85
Description  High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3330ART-2.85 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3330ART-2.85 Datasheet HTML 4Page - Analog Devices ADP3330ART-2.85 Datasheet HTML 5Page - Analog Devices ADP3330ART-2.85 Datasheet HTML 6Page - Analog Devices ADP3330ART-2.85 Datasheet HTML 7Page - Analog Devices ADP3330ART-2.85 Datasheet HTML 8Page - Analog Devices ADP3330ART-2.85 Datasheet HTML 9Page - Analog Devices ADP3330ART-2.85 Datasheet HTML 10Page - Analog Devices ADP3330ART-2.85 Datasheet HTML 11Page - Analog Devices ADP3330ART-2.85 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADP3330
–10–
REV. A
APPLICATION CIRCUITS
Crossover Switch
The circuit in Figure 24 shows how two ADP3330s can be used to
form a mixed supply voltage system. The output switches between
two different levels selected by an external digital input. Output
voltages can be any combination of voltages from the Ordering
Guide of the data sheet.
ADP3330-3.6
ADP3330-2.5
+
OUT
IN
SD
GND
+
IN
OUT
SD
GND
C1
1.0 F
C2
0.47 F
VOUT = 3.6V/2.5V
VIN = 3.85V TO 12V
OUTPUT SELECT
3V
0V
LOGIC SUPPLY
Figure 24. Crossover Switch
Higher Output Current
The ADP3330 can source up to 200 mA at room temperature
without any heatsink or pass transistor. If higher current is
needed, an appropriate pass transistor can be used, as in Figure
25, to increase the output current to 1 A.
ADP3330-3
OUT
IN
SD
GND
+
VIN = 4.5V TO 8V
MJE253*
VOUT = 3V@1A
C1
100 F
C2
100 F
*AAVID531002 HEAT SINK IS USED
ERR
R1
50
Figure 25. High Output Current Linear Regulator


Similar Part No. - ADP3330ART-2.85

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3330ART-2.85 AD-ADP3330ART-2.85 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-2.85 AD-ADP3330ART-2.85 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-2.85 AD-ADP3330ART-2.85 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
More results

Similar Description - ADP3330ART-2.85

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ART-3.6 AD-ADP3330ART-3.6 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330 AD-ADP3330 Datasheet
137Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ART-33-RL7 AD-ADP3330ART-33-RL7 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ARTZ-5-RL7 AD-ADP3330ARTZ-5-RL7 Datasheet
127Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3331 AD-ADP3331 Datasheet
135Kb / 8P
   Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. 0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com