Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4305 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4305
Description  2-Channel, 2-Wire Bus Multiplexer with
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4305 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4305 Datasheet HTML 4Page - Linear Technology LTC4305 Datasheet HTML 5Page - Linear Technology LTC4305 Datasheet HTML 6Page - Linear Technology LTC4305 Datasheet HTML 7Page - Linear Technology LTC4305 Datasheet HTML 8Page - Linear Technology LTC4305 Datasheet HTML 9Page - Linear Technology LTC4305 Datasheet HTML 10Page - Linear Technology LTC4305 Datasheet HTML 11Page - Linear Technology LTC4305 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC4305
4305f
8
Control Register Bit Definitions
Register 0 (00h)
BIT NAME
TYPE* DESCRIPTION
d7 Downstream
R
Indicates if upstream bus is connected
Connected
to any downstream buses
0 = upstream bus disconnected from
all downstream buses
1 = upstream bus connected to one or
more downstream buses
d6 ALERT1 Logic State
R
Logic state of ALERT1 pin, noninverting
d5 ALERT2 Logic State
R
Logic state of ALERT2 pin, noninverting
d4 Reserved
R
Not Used
d3 Reserved
R
Not Used
d2 Failed Connection
R
Indicates if an attempt to connect to a
Attempt
downstream bus failed because the
“Connection Requirement” bit in
Register 2 was low and the
downstream bus was low
0 = Failed connection attempt occurred
1 = No failed attempts at connection
occurred
d1 Latched Timeout
R
Latched bit indicating if a timeout has
occurred and has not yet been cleared.
0 = no latched timeout
1 = latched timeout
d0 Timeout Real Time
R
Indicates real-time status of Stuck Low
Timeout Circuitry
0 = no timeout is occurring
1 = timeout is occurring
Note: Masters write to Register 0 to reset the fault circuitry after a fault
has occurred and been resolved. Because Register 0 is Read-Only, no
other functionality is affected.
* For Type, “R/W” = Read Write, “R” = Read Only
Register 1 (01h)
BIT
NAME
TYPE* DESCRIPTION
d7
Upstream
R/W Activates upstream rise time
Accelerators
accelerator currents
Enable
0 = upstream rise time accelerator
currents inactive (default)
1 = upstream rise time accelerator
currents active
d6
Downstream
R/W Activates downstream rise time
Accelerators
accelerator currents
Enable
0 = downstream rise time accelerator
currents inactive (default)
1 = downstream rise time accelerator
currents active
d5-d0 Reserved
R
Not Used
* For Type, “R/W” = Read Write, “R” = Read Only
OPERATIO


Similar Part No. - LTC4305

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4305 LINER-LTC4305 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4305 LINER-LTC4305 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4305 LINER-LTC4305 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
More results

Similar Description - LTC4305

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4312 LINER-LTC4312_15 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4312 LINER-LTC4312 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4306 LINER-LTC4306 Datasheet
268Kb / 20P
   4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4306 LINER-LTC4306_15 Datasheet
273Kb / 20P
   4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4314 LINER-LTC4314_15 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
logo
NXP Semiconductors
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
   2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com