Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4061EDD Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4061EDD
Description  Standalone Linear Li-Ion Battery Charger with Thermistor Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061EDD Datasheet(HTML) 5 Page - Linear Technology

  LTC4061EDD Datasheet HTML 1Page - Linear Technology LTC4061EDD Datasheet HTML 2Page - Linear Technology LTC4061EDD Datasheet HTML 3Page - Linear Technology LTC4061EDD Datasheet HTML 4Page - Linear Technology LTC4061EDD Datasheet HTML 5Page - Linear Technology LTC4061EDD Datasheet HTML 6Page - Linear Technology LTC4061EDD Datasheet HTML 7Page - Linear Technology LTC4061EDD Datasheet HTML 8Page - Linear Technology LTC4061EDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4061

4061fd
Typical perForMance characTerisTics
NTCFaultPulsingFrequency
vsVCC
NTCFaultPulsingFrequency
vsTemperature
ChargeCurrentvsAmbient
TemperaturewithThermal
Regulation
ChargeCurrentvsSupplyVoltage
RechargeThresholdVoltage
vsTemperature
PowerFETOn-Resistance
vsTemperature
InternalChargeTimer
vsTemperature
UndervoltageLockoutVoltage
vsTemperature
ChargeCurrentvsBatteryVoltage
–50
–25
0
25
50
75
100
TEMPERATURE (°C)
195
190
185
180
175
170
165
4061 G10
CTIMER = 0.1µF
VCC = 4.3V
VCC = 8V
4061 G11
VCC (V)
4.0
8.0
5.0
6.0
7.0
1.60
1.55
1.50
1.45
1.40
1.35
1.30
4.5
5.5
6.5
7.5
CTIMER = 0.1µF
TEMPERATURE (°C)
–50
1.7
1.6
1.5
1.4
1.3
1.2
–25
0
25
50
4061 G12
75
100
CTIMER = 0.1µF
VCC = 8V
VCC = 4.3V
TEMPERATURE (°C)
–50 –25
0
400
1000
0
50
75
4061 G13
200
800
600
25
100 125
RPROG = 1.25k
ONSET OF THERMAL
REGULATION
RPROG = 2k
4061 G14
VCC (V)
4.0
8.0
5.0
6.0
7.0
104
102
100
98
96
4.5
5.5
6.5
7.5
VCC = 5V
VBAT = 4V
C/5 = 5V
RPROG = 10k
TEMPERATURE (°C)
–50
4.16
4.14
4.12
4.10
4.08
4.06
4.04
–25
0
25
50
4061 G15
75
100
VCC = 8V
VCC = 4.3V
TEMPERATURE (°C)
–50
500
450
400
350
300
250
–25
0
25
50
4061 G16
75
100
VCC = 4V
IBAT = 200mA
4061 G17
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
3.900
3.875
3.850
3.825
3.800
3.775
3.750
3.725
3.700
4061 G18
VBAT (V)
0
3.0
900
800
700
600
500
400
300
200
100
0
0.5
4.5
1.0 1.5 2.0 2.5
3.5 4.0


Similar Part No. - LTC4061EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061EDD LINER-LTC4061EDD Datasheet
665Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
More results

Similar Description - LTC4061EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061 LINER-LTC4061_15 Datasheet
278Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4 LINER-LTC4061-4 Datasheet
395Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4.4 LINER-LTC4061-4.4_15 Datasheet
406Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061 Datasheet
665Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_05 Datasheet
790Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com