Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4061EDD Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4061EDD
Description  Standalone Linear Li-Ion Battery Charger with Thermistor Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061EDD Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4061EDD Datasheet HTML 6Page - Linear Technology LTC4061EDD Datasheet HTML 7Page - Linear Technology LTC4061EDD Datasheet HTML 8Page - Linear Technology LTC4061EDD Datasheet HTML 9Page - Linear Technology LTC4061EDD Datasheet HTML 10Page - Linear Technology LTC4061EDD Datasheet HTML 11Page - Linear Technology LTC4061EDD Datasheet HTML 12Page - Linear Technology LTC4061EDD Datasheet HTML 13Page - Linear Technology LTC4061EDD Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC4061
0
4061fd
operaTion
UndervoltageLockout(UVLO)
An internal undervoltage lockout circuit monitors the
input voltage and keeps the charger in shutdown mode
until VCC rises above the undervoltage lockout threshold
(3.8V). The UVLO circuit has a built-in hysteresis of
200mV. Furthermore, to protect against reverse current in
the power MOSFET, the UVLO circuit keeps the charger in
shutdown mode if VCC falls to less than 45mV above the
battery voltage. Hysteresis of 145mV prevents the charger
from cycling in and out of shutdown.
ManualShutdown
At any point in the charge cycle, the charger can be put into
shutdown mode by pulling the EN pin high. This reduces
the supply current to less than 50µA and the battery drain
current of the charger to less than 2µA. A new charge cycle
can be initiated by floating the EN pin or pulling it low.
If shutdown is not required, leaving the pin disconnected
continuously enables the circuit.
Trickle-ChargeandDefectiveBatteryDetection
When the BAT pin voltage is below the 2.9V trickle charge
threshold (VTRIKL),thechargerreducesthechargecurrent
to 10% of the programmed value. If the battery remains in
trickle charge for more than 25% of the total programmed
chargetime,thechargerstopschargingandentersaFAULT
state,indicatingthatthebatteryisdefective1.TheLTC4061
indicates the FAULT state by driving the CHRG open-drain
outputwithasquarewave.Thedutycycleofthisoscillation
is 50% and the frequency is set by CTIMER:
f
µF
C
Hz
CHRG
TIMER
=
0 1
6
.
ALEDdrivenbytheCHRGoutputexhibitsapulsingpattern,
indicating to the user that the battery needs replacing. To
exit the FAULT state, the charger must be restarted either
by toggling the EN input or removing and reapplying
power to VCC.
ChargeStatusOutput(CHRG)
Thechargestatusindicatorpinhasthreestates:pull-down,
pulseat1.5Hzor6Hzandhighimpedance.Inthepull-down
state, an NMOS transistor pulls down on the CHRG pin
capable of sinking up to 10mA. A pull-down state indicates
that the LTC4061 is charging a battery and the charge cur-
rent is greater than IDETECT (which is set by the external
component RDET). A high impedance state indicates that
the charge current has dropped below IDETECT. In the
case where the IDET pin is left unconnected (RDET = ∞,
IDETECT = 0), a high impedance state on CHRG indicates
that the LTC4061 is not charging.
SmartPulsingErrorFeature
LTC4061 has two different pulsing states at CHRG pull-
down pin:
1. 6Hz (50% duty cycle) due to defective battery detection
(see Trickle-Charge and Defective Battery Detection
section);
2. 1.5Hz (25% duty cycle if in time termination, 50% duty
cycle if in charge current or user termination) due to
NTC out-of-temperature condition.
NTCThermistor(NTC)
The temperature of the battery is measured by placing
a negative temperature coefficient (NTC) thermistor
close to the battery pack. The NTC circuitry is shown in
Figure 1. To use this feature, connect the NTC thermistor,
RNTC, between the NTC pin and ground and a resistor,
RNOM, from the NTC pin to VCC. RNOM should be a 1%
resistor with a value equal to the value of the chosen NTC
thermistor at 25°C (this value is 100kΩ for a Vishay NTH-
S0603N01N1003Jthermistor).TheLTC4061goesintohold
mode when the resistance, RHOT, of the NTC thermistor
drops to 0.53 times the value of RNOM or approximately
53kΩ, which corresponds to approximately 40°C. Hold
mode freezes the timer and stops the charge cycle until the
thermistor indicates a return to a valid temperature. As the
temperature drops, the resistance of the NTC thermistor
rises. The LTC4061 is designed to go into hold mode when
the value of the NTC thermistor increases to 3.26 times
the value of RNOM This resistance is RCOLD. For a Vishay
NTHS0603N01N1003J thermistor, this value is 326kΩ,
whichcorrespondstoapproximately0°C.Thehotandcold
comparators each have approximately 2°C of hysteresis
to prevent oscillation about the trip point. Grounding the
NTC pin disables the NTC function. For more details refer
to the Application Information section.
1 The Defective Battery Detection feature is only available when time termination is being used.


Similar Part No. - LTC4061EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061EDD LINER-LTC4061EDD Datasheet
665Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
More results

Similar Description - LTC4061EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061 LINER-LTC4061_15 Datasheet
278Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4 LINER-LTC4061-4 Datasheet
395Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4.4 LINER-LTC4061-4.4_15 Datasheet
406Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061 Datasheet
665Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_05 Datasheet
790Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com